Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5646CCAMLU1R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC5646CCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646CCAMLU1R Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC5646CCAMLU1R Datasheet HTML 1Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 2Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 3Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 4Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 5Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 6Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 7Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 8Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
Table 1. MPC5646C family comparison1
Feature
MPC5644B
MPC5644C
MPC5645B
MPC5645C
MPC5646B
MPC5646C
Package
176
LQFP
208
LQFP
176
LQFP
208
LQFP
256
BGA
176
LQFP
208
LQFP
176
LQFP
208
LQFP
256
BGA
176
LQFP
208
LQFP
176
LQFP
208
LQFP
256
BGA
CPU
e200z4d
e200z4d + e200z0h
e200z4d
e200z4d + e200z0h
e200z4d
e200z4d + e200z0h
Execution speed2
Up to 120 MHz
(
e200z4d)
Up to 120 MHz
(
e200z4d)
Up to 80 MHz
(e200z0h)3
Up to 120 MHz
(
e200z4d)
Up to 120 MHz
(
e200z4d)
Up to 80 MHz
(e200z0h)3
Up to 120 MHz
(
e200z4d)
Up to 120 MHz
(
e200z4d)
Up to 80 MHz
(e200z0h)3
Code flash memory
1.5 MB
2 MB
3 MB
Data flash memory
4 x16 KB
SRAM
128 KB
192 KB
160 KB
256 KB
192 KB
256 KB
MPU
16-entry
eDMA4
32 ch
10-bit ADC
27 ch
33 ch
27 ch
33 ch
27 ch
33 ch
27 ch
33 ch
27 ch
33 ch
27 ch
33 ch
dedicated5,6
shared with
12-bit ADC7
19 ch
12-bit ADC
5ch
10ch
5 ch
10 ch
5ch
10ch
5 ch
10 ch
5ch
10ch
5 ch
10 ch
dedicated8
shared with
10-bit ADC7
19 ch
CTU
64 ch
Total timer I/O9 eMIOS
64 ch, 16-bit
SCI (LINFlexD)
10
SPI (DSPI)
8
CAN (FlexCAN)10
6
FlexRay
Yes
STCU11
Yes
Ethernet
No
Yes
No
Yes
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com