Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4732 Datasheet(PDF) 2 Page - First Components International

Part # LL4732
Description  1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LL4732 Datasheet(HTML) 2 Page - First Components International

  LL4732 Datasheet HTML 1Page - First Components International LL4732 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
1 Watt
ZENER DIODES (3.3V to 100V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify No Suffix. For 5% Tolerance,
Specify Suffix ‘‘A’’. (Example: LL4728A = 3.3V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Nominal
Zener
Voltage
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
T
A = 25
C
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
76
69
64
58
53
49
45
41
37
34
31
28
25
23
21
19
17
15.5
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.7
3.3
3.0
2.8
2.5
o
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK
(Ω)
400
400
400
400
500
550
600
700
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1500
1500
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
1
1
1
1
1
1
1
1
1
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
1
1
1
1
1
1
2
3
4
5
6
7
7.6
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56
62.2
69.2
76
1380
1260
1190
1070
970
890
810
730
660
605
550
500
454
414
380
344
304
285
250
225
205
190
170
150
135
125
115
110
95
90
80
70
65
60
55
50
45
Part #
I
R (µA)
V
R (V)
Max.
Surge Current
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA.
°C
Electrical Characteristics @ 25OC.
I
ZK
(mA)
LL4728
LL4729
LL4730
LL4731
LL4732
LL4733
LL4734
LL4735
LL4736
LL4737
LL4738
LL4739
LL4740
LL4741
LL4742
LL4743
LL4744
LL4745
LL4746
LL4747
LL4748
LL4749
LL4750
LL4751
LL4752
LL4753
LL4754
LL4755
LL4756
LL4757
LL4758
LL4759
LL4760
LL4761
LL4762
LL4763
LL4764
10
10
9
9
8
7
5
2
3.5
4
4.5
5
7
8
9
10
14
16
20
22
23
25
35
40
45
50
60
70
80
95
110
125
150
175
200
250
350
100
100
50
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Page 10-51



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com