Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSPS50-600-3P208 Datasheet(PDF) 1 Page - TDK Electronics

Part # GSPS50-600-3P208
Description  Programmable Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

GSPS50-600-3P208 Datasheet(HTML) 1 Page - TDK Electronics

  GSPS50-600-3P208 Datasheet HTML 1Page - TDK Electronics GSPS50-600-3P208 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Programmable Power Supplies
1 of 2
Creation Date : May 04, 2022 (GMT)
GSPS50-600-3P208
RoHS
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.
Sales Region
Worldwide (except Japan)
Series
GENESYS+
Model
G+Rack 30kW
Status
Production
Option Lineup
Please refer to here.
Recommended EMC Filter
Accessories
Please refer to here.
Electrical Characteristics
Input
3-phase
Input Voltage Range[AC]
170 to 265Vac
Input Frequency Range
47 to 63Hz
Rated Output Voltage[DC]
50Vdc
Output Voltage[DC]
0 to 50Vdc
Rated Output Current
600A
Output Current
0 to 600A
Rated Output Power
30kW
Efficiency
89% Typ.
Voltage Ripple Noise
Current Ripple Noise
Package Type & Size
Package Type
Rack DC System
Width(W)
553mm Nom. (21.77in Nom.)
Height(H)
1028mm Nom. (40.47in Nom.)
Depth(D)
902mm Nom. (35.51in Nom.)
Weight
153kg Typ. (337.3lbs Typ.)
Other
Interfaces Included
LAN (LXI compliant)
USB
RS-232
RS-485
Isolated analog voltage control
Interface Options
GPIB
EtherCAT
Modbus-TCP
Operating Temp. Range
0 to 50°C


Similar Part No. - GSPS50-600-3P208

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GSPS50-600-3P480 TDK-GSPS50-600-3P480 Datasheet
171Kb / 2P
Programmable Power Supplies
May 04, 2022
More results

Similar Description - GSPS50-600-3P208

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GEN30-25 TDK-GEN30-25 Datasheet
111Kb / 2P
Programmable Power Supplies
GEN30-50 TDK-GEN30-50 Datasheet
111Kb / 2P
Programmable Power Supplies
GEN30-110-3P400 TDK-GEN30-110-3P400 Datasheet
138Kb / 2P
Programmable Power Supplies
GEN30-110-3P480 TDK-GEN30-110-3P480 Datasheet
138Kb / 2P
Programmable Power Supplies
GEN30-333-3P208 TDK-GEN30-333-3P208 Datasheet
173Kb / 2P
Programmable Power Supplies
GEN30-333-3P400 TDK-GEN30-333-3P400 Datasheet
173Kb / 2P
Programmable Power Supplies
GEN50-200-3P480 TDK-GEN50-200-3P480 Datasheet
173Kb / 2P
Programmable Power Supplies
GEN50-300-3P480 TDK-GEN50-300-3P480 Datasheet
173Kb / 2P
Programmable Power Supplies
GEN60-55-3P400 TDK-GEN60-55-3P400 Datasheet
138Kb / 2P
Programmable Power Supplies
GEN60-167-3P208 TDK-GEN60-167-3P208 Datasheet
173Kb / 2P
Programmable Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com