Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL753 Datasheet(PDF) 2 Page - First Components International

Part # MLL753
Description  2.4V to 110V MLL ZENER DIODES (1/2 Watt)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

MLL753 Datasheet(HTML) 2 Page - First Components International

  MLL753 Datasheet HTML 1Page - First Components International MLL753 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Page 10-51
Nominal
ZenerVoltage
TestCurrent
Izt = mA
Max Zener
Impedance
MAX.
REVERSE CURRENT
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
12
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
o
Zzt @ Izt
Ohms
150
135
120
110
100
95
85
75
70
65
60
55
50
45
40
35
30
190
165
150
135
125
115
105
95
85
80
70
65
60
55
50
45
35
200
160
100
30
30
30
30
30
20
20
20
20
20
20
20
20
20
Part#
JedecType#
T
A = 25 C
V
R = 1V
MAX
LEAKAGE CURRENT
Electrical Characteristics @ 25OC.
MLL4370
MLL4371
MLL4372
MLL740
MLL745
MLL748
MLL749
MLL750
MLL751
MLL752
MLL753
MLL754
MLL755
MLL756
MLL757
MLL758
MLL759
30
30
29
28
24
23
22
10
12
11
7
5
6
8
10
12
30
100
75
50
10
10
10
3
2
1
1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
2.4V to 110V MLL
ZENER DIODES (1/2 Watt)
Part#
JedecType#
Nominal
ZenerVoltage
TestCurrent
Izt = mA
MAX. ZENER IMPEDANCE
Zzt @ Izt
Ohms
Zzk@Izk
Ohms
Izk
mA
MAX
DC ZENER
CURRENT
mA
mA
(mmmmmA)
o
MAX REVERSE CURRENT
T
A = 150 C
MAX
DC ZENER I
mA
mA
MLL957A
MLL958A
MLL959A
MLL960A
MLL961A
MLL962A
MLL963A
MLL964A
MLL965A
MLL966A
MLL967A
MLL968A
MLL969A
MLL970A
MLL971A
MLL972A
MLL973A
MLL974A
MLL975A
MLL976A
MLL977A
MLL978A
MLL979A
MLL980A
MLL981A
MLL982A
MLL983A
MLL984A
MLL985A
MLL986A
Maximum Izt
mmmmmA
Test Voltage V
DC
5% 10%
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
18.5
16.5
15
14
12.5
11.5
10.5
9.5
8.5
7.5
7.0
6.2
5.6
5.2
4.6
4.2
3.6
3.4
3.2
3.0
2.7
2.5
2.2
2.0
1.8
1.7
1.5
1.4
1.3
1.1
4.5
5.5
6.5
7.5
8.5
9.5
11.5
13
16
17
21
25
29
33
41
48
58
70
80
93
105
125
150
185
230
270
330
400
500
750
700
700
700
700
700
700
700
700
700
700
750
750
750
750
750
1000
1000
1000
1000
1500
1500
1500
2000
2000
2000
2000
3000
3000
3000
4000
1.0
0.5
0.5
0.5
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
47
42
38
36
32
28
26
24
21
19
17
15
14
12
11
10
9.2
8.5
7.8
7.0
6.4
5.8
5.4
4.9
4.5
4.0
3.7
3.3
3.0
2.7
81
65
50
45
41
37
35
32
27
23
21
20
18
17
15
13
12
11
10
9.6
8.8
8.1
7.4
6.7
6.1
5.5
5.0
4.6
4.3
4.1
150
75
50
25
10
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.2
5.7
6.2
6.8
7.6
8.4
9.1
9.9
11.4
12.2
13.7
14.8
16.1
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.2
55.0
62.2
69.2
76.0
83.6
4.9
5.4
5.8
6.0
7.2
8.6
9.6
9.4
10.9
11.9
13.0
14.4
15.8
17.3
19.4
21.8
23.8
25.8
28.1
31.0
33.8
36.7
40.3
44.0
49.0
54.0
58.0
65.6
72.0
79.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com