Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB21 Datasheet(PDF) 1 Page - First Components International

Part # SMB21
Description  2.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SMB21 Datasheet(HTML) 1 Page - First Components International

  SMB21 Datasheet HTML 1Page - First Components International SMB21 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
SMB21 . . . 210 Series
Average Forward Rectified Current...I
F(av)
Non-Repetitive Peak Forward Surge Current...I
FSM
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 2.0A...V
F
Maximum Full Load Reverse Current...I
R(av)
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
C = 25°C
T
C =75°C
Typical Junction Capacitance...C
J (Note 1)
Page 10-26
Data Sheet
2.0 Amp SURFACE MOUNT
PLASTIC SILICON DIODES
Units
Volts
Volts
Volts
n LOW COST
n HIGH CURRENT CAPABILITY
n HIGH SURGE CAPABILITY
n LOW FORWARD VOLTAGE WITH
LOW LEAKAGE CURRENT
n MEETS UL SPECIFICATION 94V-0
............................................. 2.0 ...............................................
............................................. 50 ...............................................
............................................. 1.1 ...............................................
............................................. 30 ...............................................
............................................. 5.0 ...............................................
............................................. 50 ...............................................
............................................. 30 ...............................................
Amps
Amps
°C
Volts
µAmps
µAmps
µAmps
pF
SMB21
SMB22
SMB24
SMB26
SMB28 SMB210
100
200
400
600
800
1000
70
140
280
420
560
700
100
200
400
600
800
1000
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
......................................... -65 to 175 ..........................................
Electrical Characteristics
DO-214AA
(SMB)


Similar Part No. - SMB21

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
SMB2100 FCI-SMB2100 Datasheet
114Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
Summit Microelectronics...
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
Programmable Power Managers with Digital Power Control
SMB212 SUMMIT-SMB212 Datasheet
34Kb / 1P
Programmable Power Managers with Digital Power Control
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
More results

Similar Description - SMB21

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
RGP20A FCI-RGP20A Datasheet
150Kb / 2P
2.0 Amp FAST SWITCHING MEGARECTIFIERS Mechanical Dimensions
SMAL101 FCI-SMAL101 Datasheet
56Kb / 1P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMB220 FCI-SMB220 Datasheet
114Kb / 2P
2.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
SMC31 FCI-SMC31 Datasheet
131Kb / 2P
3.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
SMA11 FCI-SMA11 Datasheet
110Kb / 2P
1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
logo
UNIOHM CORPORATION
S2A UNIOHM-S2A Datasheet
63Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S2AA UNIOHM-S2AA Datasheet
65Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
S2A GWSEMI-S2A Datasheet
64Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
S2AA GWSEMI-S2AA Datasheet
64Kb / 2P
2.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG201B SECOS-QG201B_15 Datasheet
191Kb / 2P
2.0 Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com