Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC9G22LS-160VT Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLC9G22LS-160VT
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC9G22LS-160VT Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLC9G22LS-160VT Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC9G22LS-160VT Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BLC9G22LS-160VT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 2 — 24 May 2017
4 of 16
BLC9G22LS-160VT
Power LDMOS transistor
7.2 Impedance information
[1]
ZS and ZL defined in Figure 1.
[2]
at 3 dB gain compression.
Table 8.
Typical impedance
Measured load-pull data of the device; IDq = 864 mA; VDS = 28 V; pulsed CW (tp = 100 s; =10%).
f
ZS [1]
ZL [1]
PL [2]
D [2]
Gp [2]
(MHz)
(
)
(
)
(W)
(%)
(dB)
Maximum power load
2110
2.0
 j5.6
1.4
 j3.1
199.6
58.9
15.5
2140
2.3
 j5.9
1.3
 j3.0
198.0
58.3
15.5
2170
2.7
 j6.4
1.3
 j3.1
197.9
58.9
15.6
Maximum drain efficiency load
2110
2.0
 j5.6
2.6
 j1.9
135.6
67.5
17.9
2140
2.3
 j5.9
2.3
 j1.9
139.4
67.2
17.8
2170
2.7
 j6.4
2.3
 j1.8
132.5
67.4
18.1
Fig 1.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com