Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0902027 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0902027
Description  Thermomagnetic device circuit breaker - TMC 61C 01A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0902027 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0902027 Datasheet HTML 1Page - PHOENIX CONTACT 0902027 Datasheet HTML 2Page - PHOENIX CONTACT 0902027 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/0902027
05.10.2012   Page 1 / 3
Thermomagnetic device circuit breaker - TMC 61C 01A - 0902027
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Thermomagnetic circuit breaker, one-pole, 1.0 A thermal trip. DIN rail mounted and UL 1077-
recognized with optional auxiliary contact for either S or H remote signal. Protects wiring and
equipment from overcurrent and short circuit faults.
Key commercial data
Packing unit
1
Minimum order quantity
72
GTIN
Custom tariff number
85362010
Country of origin
HUNGARY
Technical data
Product type
Thermomagnetic device circuit breakers
Approval
CSA
Approval
UL Recognized
Approval
cUL Recognized
Approval
cULus Recognized
Mounting type
DIN rail: 35 mm
Nominal current IN
1 A
Classifications
eclass
eCl@ss 4.0
27141116
eCl@ss 4.1
27141116
eCl@ss 5.0
27141116
eCl@ss 5.1
27141116
eCl@ss 6.0
27141116
eCl@ss 7.0
27141116
etim
ETIM 3.0
EC000899
ETIM 4.0
EC000899


Similar Part No. - 0902027

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09020006484 HARTING-09020006484 Datasheet
701Kb / 3P
DIN-Signal contact BC,F,PL2,5000 reel
09020008434 HARTING-09020008434 Datasheet
701Kb / 3P
DIN-Signal contact BC,F,PL2,500 reel
09020008444 HARTING-09020008444 Datasheet
701Kb / 3P
DIN-Signal contact BC,F,PL1,500 reel
09020008474 HARTING-09020008474 Datasheet
645Kb / 3P
DIN-Signal Kontakt BC,F,PL1,Einzel
09020008484 HARTING-09020008484 Datasheet
645Kb / 3P
DIN-Signal contact BC,F,PL2,single
More results

Similar Description - 0902027

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0902014 PHOENIX-0902014 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 0,5A
01.06.2012
0902030 PHOENIX-0902030 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 02A
05.10.2012
0902043 PHOENIX-0902043 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 03A
01.06.2012
0902056 PHOENIX-0902056 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 04A
05.10.2012
0902069 PHOENIX-0902069 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 06A
05.10.2012
0902108 PHOENIX-0902108 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 20A
05.10.2012
0902111 PHOENIX-0902111 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 25A
05.10.2012
0902137 PHOENIX-0902137 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 40A
04.10.2012
0902179 PHOENIX-0902179 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 01A
01.06.2012
0902328 PHOENIX-0902328 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 01A
01.06.2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com