Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC5605BAMLL6R Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PPC5605BAMLL6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5605BAMLL6R Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PPC5605BAMLL6R Datasheet HTML 80Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 81Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 82Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 83Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 84Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 85Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 86Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 87Page - NXP Semiconductors PPC5605BAMLL6R Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
84
VAINx
SR — Analog input voltage3
—VSS_ADC1
–0.1
—VDD_ADC1
+0.1
V
IADC1pwd SR — ADC_1 consumption in power
down mode
——
—
50
µA
IADC1run
SR — ADC_1 consumption in running
mode
——
—
6
mA
fADC1
SR — ADC_1 analog frequency
VDD = 3.3 V
3.33
—
20 + 4%
MHz
VDD = 5 V
3.33
—
32 + 4%
tADC1_PU SR — ADC_1 power up delay
——
—
1.5
µs
tADC1_S
CC T Sampling time4
VDD = 3.3 V
fADC1 = 20 MHz,
INPSAMP = 12
600
—
—
ns
Sampling time4
VDD = 5.0 V
fADC1 = 32 MHz,
INPSAMP = 17
500
—
—
Sampling time4
VDD = 3.3 V
fADC1 = 3.33 MHz,
INPSAMP = 255
—
—
76.2
µs
Sampling time4
VDD = 5.0 V
fADC1 = 3.33 MHz,
INPSAMP = 255
——
76.2
tADC1_C
CC P Conversion time5
VDD = 3.3 V
fADC1 = 20 MHz,
INPCMP = 0
2.4
—
—
µs
Conversion time5
VDD = 5.0 V
fADC 1 = 32 MHz,
INPCMP = 0
1.5
—
—
µs
Conversion time5
VDD = 3.3 V
fADC 1 = 13.33 MHz,
INPCMP = 0
——
3.6
µs
Conversion time5
VDD = 5.0 V
fADC1 = 13.33 MHz,
INPCMP = 0
——
3.6
µs
ΔADC1_SYS SR — ADC_1 digital clock duty cycle ADCLKSEL = 16
45
—55
%
CS
CC D ADC_1 input sampling
capacitance
—
—
—5
pF
CP1
CC D ADC_1 input pin capacitance 1
—
—
—3
pF
CP2
CC D ADC_1 input pin capacitance 2
—
—
—1
pF
CP3
CC D ADC_1 input pin capacitance 3
—
—
—1.5
pF
RSW1
CC D Internal resistance of analog
source
——
—
1
k
Ω
RSW2
CC D Internal resistance of analog
source
——
—
2
k
Ω
RAD
CC D Internal resistance of analog
source
——
—
0.3
k
Ω
Table 45. ADC_1 conversion characteristics (12-bit ADC_1) (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com