Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0902409 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0902409
Description  Thermomagnetic device circuit breaker - TMC 63C 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0902409 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0902409 Datasheet HTML 1Page - PHOENIX CONTACT 0902409 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
https://www.phoenixcontact.com/us/produkte/0902409
01.06.2012   Page 2 / 2
Thermomagnetic device circuit breaker - TMC 63C 20A - 0902409
Approvals
Certification submitted
Approval details
CSA 
UL Recognized 
cUL Recognized 
cULus Recognized 
Accessories
Accessories
Bridges
Wiring bridge - MPB 18/1- 3 - 2809212
Wiring bridge for modules with connecting pitch 17.5 mm, 1-phase, 3-pos.
 
 
Thermomagnetic device circuit breaker - TMC 6LOCKOUT - 0902467
Locking element for TMC 6 circuit breakers
 
 
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com