Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS26 Datasheet(PDF) 1 Page - First Components International

Part # UFS26
Description  2.0 Amp SMD SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFS26 Datasheet(HTML) 1 Page - First Components International

  UFS26 Datasheet HTML 1Page - First Components International UFS26 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
UFS21 . . . 26 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Forward Voltage @ 2.0A...V
F
DC Reverse Current...I
R
T
A =
25°C
@ Rated DC Blocking Voltage
T
A = 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Reverse Recovery Time...t
RR (Note 2)
Operating & Storage Temperature Range...T
J, TSTRG
Page 10-6
UFS21
UFS22
UFS24
UFS26
100
200
400
600
7 0
140
280
420
100
200
400
600
Data Sheet
2.0 Amp SMD SUPER FAST
RECTIFIERS
Units
Volts
Volts
Volts
Amps
Amps
Volts
µAmps
µAmps
pF
nS
°C
n HIGH CURRENT CAPABILITY
n MEETS UL SPECIFICATION 94V-0
n HIGH SURGE CAPABILITY
n LOW FORWARD VOLTAGE DROP
............................................. 2.0 ...............................................
............................................. 5 0 ...............................................
............................................. .95 ...............................................
............................................. 2.0 ...............................................
............................................. 5 0 ...............................................
............................................. 7 0 ...............................................
............................................. 3 5 ...............................................
......................................... -65 to 150 ..........................................
4.06/4.60
.01/.20
1.91/2.41
1.90/2.15
1.65/2.19
5.10/5/58
.11/.30
3.30/3.90
Package
‘‘SMB’’
Cathode


Similar Part No. - UFS26

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UFS26 FCI-UFS26 Datasheet
131Kb / 2P
2.0 Amp SMD SUPER FAST RECTIFIERS
More results

Similar Description - UFS26

ManufacturerPart #DatasheetDescription
logo
Bytes
SF21 BYTES-SF21 Datasheet
161Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF21 FORMOSA-SF21 Datasheet
36Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF24GH FORMOSA-SF24GH Datasheet
62Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
SF28 FORMOSA-SF28 Datasheet
65Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
UFS21 FCI-UFS21 Datasheet
131Kb / 2P
2.0 Amp SMD SUPER FAST RECTIFIERS
logo
UNIOHM CORPORATION
SF21 UNIOHM-SF21 Datasheet
70Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Goodwork Semiconductor ...
SF21 GWSEMI-SF21 Datasheet
71Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES2A DGNJDZ-ES2A Datasheet
134Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
SF21 LUGUANG-SF21 Datasheet
1Mb / 2P
2.0 AMP. Super Fast Rectifiers
logo
Shenzhen Yixinwei Techn...
SF21 YIXIN-SF21 Datasheet
262Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com