Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFS36 Datasheet(PDF) 1 Page - First Components International

Part # UFS36
Description  3.0 Amp SMD SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

UFS36 Datasheet(HTML) 1 Page - First Components International

  UFS36 Datasheet HTML 1Page - First Components International UFS36 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
UFS30 . . . 36 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage @ 3.0A...V
F
Maximum DC Reverse Current...I
R
@ Rated DC Blocking Voltage
Typical Junction Capacitance...C
J (Note 1)
Maximum Reverse Recovery Time...t
RR (Note 2)
Page 10-8
Data Sheet
3.0 Amp SMD SUPER FAST
RECTIFIERS
Units
............................................. 3.0 ...............................................
............................................. 75 ...............................................
......................................... -65 to 150 ..........................................
............................................. 5.0 ...............................................
............................................. 100 ...............................................
Volts
Volts
Volts
Amps
Amps
°C
Volts
µAmps
pF
ns
n LOW COST
n LOW LEAKAGE
n HIGH SURGE CAPABILITY
n MEETS UL SPECIFICATION 94V-0
< ....................... 0.95 .....................>
1.3
1.5
< ....................... 35 .....................> < .......... 50 ......... >
UFS30
UFS31
UFS32
UFS34
UFS36
50
100
200
400
600
35
70
140
280
420
50
100
200
400
600
DO-214AB
(SMC)
Electrical Characteristics


Similar Part No. - UFS36

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFS360 MICROSEMI-UFS360 Datasheet
98Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
More results

Similar Description - UFS36

ManufacturerPart #DatasheetDescription
logo
Bytes
SF31 BYTES-SF31 Datasheet
161Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF31 FORMOSA-SF31 Datasheet
36Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
SF38 FORMOSA-SF38 Datasheet
65Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
First Components Intern...
HER301 FCI-HER301 Datasheet
158Kb / 2P
3.0 Amp SUPER FAST PLASTIC RECTIFIERS
logo
UNIOHM CORPORATION
SF31 UNIOHM-SF31 Datasheet
70Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
31DF4 LUGUANG-31DF4 Datasheet
183Kb / 2P
3.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF31 GWSEMI-SF31 Datasheet
71Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ER3A DGNJDZ-ER3A Datasheet
220Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
SF31 DGNJDZ-SF31 Datasheet
324Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SF31 YIXIN-SF31 Datasheet
262Kb / 2P
3.0 AMP SUPER FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com