Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA113 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA113
Description  Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA113 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA113 Datasheet HTML 1Page - Panasonic Semiconductor MA113 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switching Diodes
1
MA2J113
Silicon epitaxial planar type
For switching circuits
I Features
• Small S-mini type package, allowing high-density mounting
• Ensuring the average forward current capacity I
F(AV) = 200 mA
• High breakdown voltage (V
R = 80 V)
I Absolute Maximum Ratings T
a = 25°C
1 : Anode
2 : Cathode
S-Mini Type Package (2-pin)
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
80
V
Peak reverse voltage
VRM
80
V
Forward current (DC)
IF
200
mA
Peak forward current
IFM
600
mA
Non-repetitive peak forward
IFSM
1A
surge current*
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR1
VR = 15 V
50
nA
IR2
VR
= 75 V
500
nA
IR3
VR
= 75 V, T
a
= 100°C
100
µA
Forward voltage (DC)
VF
IF = 200 mA
1.1
V
Terminal capacitance
Ct
VR
= 0 V, f = 1 MHz
4
pF
Reverse recovery time*
trr
IF
= 10 mA, V
R
= 6 V
10
ns
Irr
= 0.1 · I
R, RL
= 100 Ω
I Electrical Characteristics T
a = 25°C
Note) 1. Rated input/output frequency: 100 MHz
2. * : trr measuring circuit
Marking Symbol: 1D
Noe)
* : t = 1 s
1
2
KA
2.5
± 0.2
1.7
± 0.1
0.4
± 0.1
0.4
± 0.1
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 10 mA
V
R = 6 V
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A


Similar Part No. - MA113

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA1130.A.LBICGT.002 TAOGLAS-MA1130.A.LBICGT.002 Datasheet
2Mb / 30P
Front End SAW Filter
MA1130ALBICGT002 TAOGLAS-MA1130ALBICGT002 Datasheet
2Mb / 30P
Raptor II - 6 in 1 Next Generation Dual Fin Permanent Mount External Antenna with GPS/GLONASS/GALILEO/BeiDou, LTE MIMO 1&2
logo
MPS Industries, Inc.
MA1136 MPSIND-MA1136 Datasheet
147Kb / 1P
HF FLYBACK TRANSFORMER
MA1137 MPSIND-MA1137 Datasheet
147Kb / 1P
HF FLYBACK TRANSFORMER
MA1138 MPSIND-MA1138 Datasheet
147Kb / 1P
HF FLYBACK TRANSFORMER
More results

Similar Description - MA113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com