Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0192880098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0192880098
Description  ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0192880098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0192880098 Datasheet HTML 1Page - Molex Electronics Ltd. 0192880098 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/25/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192880098
Status:
Active
Overview:
Application Tooling
Description:
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207126
Comments
The Crimp Tape Module 640162000 is a base unit
that will work like an applicator in a Molex TM-3000
638017200 , 638017300 industry standard crimp press
or the Molex TM-4000 638017600 industry standard
crimp press. The Crimp Tape Module will accept all
ATP-301 and ATP-201 style crimp dies. This Crimp
Tape Module will allow customers to process most of
Molex’s Mylar Tape product from 2 AWG uninsulated
and 4 AWG insulated products and up. The Crimp Tape
Module will NOT work in any other industry standard
crimp press or wire process machine. These ATP-301
style die sets can be used in the older style suitcase
presses.
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
ETC
Tool Type
Crimp Module
UPC
800753109605
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Material Info
Engineering Number
ATP-B-720
Reference - Drawing Numbers
Application Tooling Documents
192880098-001, ATS-TOOLING-ID-ATP-001,
TM-192280498-001, TM-192280498SP-001,
TM-640160065-001, TM-640160065CN-001,
TM-640160065DE-001, TM-640160065FR-001,
TM-640160065IT-001, TM-640160065JP-001,
TM-640160065KR-001, TM-640160065MY-001,
TM-640160065PL-001, TM-640160065RU-001,
TM-640160065SK-001, TM-640160065SP-001,
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
207126 Series
Use With
Molex Crimp Tape Module 640162000
used with Molex TM-3000: 638017200 ,
638017300 , Molex TM-4000: 638017600
, Molex ATP-301 Press: 192280030 and
Molex ATP-101 style presses.
Application Tooling
| FAQ
Description
Product #
Krimptite Quick
Disconnect,
Male, for 10-12
(5.00-3.30mm²) Wire,
Mylar Tape, Tab 6.35
x 0.81mm
190220017
NylaKrimp Butt
Splice for 14-16
AWG Wire, Tape and
Reel
192020035


Similar Part No. - 0192880098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192880090 MOLEX-0192880090 Datasheet
37Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0192880095 MOLEX-0192880095 Datasheet
40Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
11/08/2021
More results

Similar Description - 0192880098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190270006 MOLEX-0190270006 Datasheet
44Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
02/09/2017
0190270014 MOLEX-0190270014 Datasheet
37Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0190270034 MOLEX-0190270034 Datasheet
49Kb / 3P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
11/02/2021
0190270085 MOLEX-0190270085 Datasheet
37Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
11/02/2021
0192880038 MOLEX-0192880038 Datasheet
40Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0192880043 MOLEX-0192880043 Datasheet
37Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0192880140 MOLEX-0192880140 Datasheet
37Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0192880145 MOLEX-0192880145 Datasheet
40Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
11/02/2021
0192880228 MOLEX-0192880228 Datasheet
36Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
0198002110 MOLEX-0198002110 Datasheet
35Kb / 2P
ATP Crimp Dies for the Tape Crimp Module and ATP-101 & 301 Press
01/25/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com