Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22AM2 Datasheet(PDF) 1 Page - Schneider Electric

Part # DF22AM2
Description  TeSys fuse-disconnector - signalling contact - 2 NC - 5A - instantaneous
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF22AM2 Datasheet(HTML) 1 Page - Schneider Electric

  DF22AM2 Datasheet HTML 1Page - Schneider Electric DF22AM2 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
TeSys fuse-disconnector - signalling
contact - 2 NC - 5A - instantaneous
DF22AM2
Price* : 22.50 USD
Main
Range
TeSys
Device short name
DF22
Product or Component Type
Auxiliary contact block
Auxiliary contacts operation
Instantaneous
Pole contact composition
2 NC
Connections - terminals
Faston connector
Complementary
Range compatibility
TeSys DF
[Ui] rated insulation voltage
250 VAC
[Ue] rated operational voltage
24...240 V AC AC-15
24...240 V DC DC-13
[Ith] conventional free air
thermal current
5 A
Minimum switching current
30 mA
Minimum switching voltage
10 V
Net Weight
0.08 lb(US) (0.035 kg)
Environment
Ambient Air Temperature for
Operation
-4…140 °F (-20…60 °C)
Ambient Air Temperature for
Storage
-40…176 °F (-40…80 °C)
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389119407571
Nbr. of units in pkg.
1
Package weight(Lbs)
0.99 oz (28.0 g)
Returnability
No
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 2, 2022
1


Similar Part No. - DF22AM2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF22AM1 SCHNEIDER-DF22AM1 Datasheet
96Kb / 2P
TeSys fuse-disconnector - signalling contact - 1 NC - 5A - instantaneous
Jun 2, 2022
More results

Similar Description - DF22AM2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LK4AD20N SCHNEIDER-LK4AD20N Datasheet
105Kb / 2P
TeSys GS - auxiliary contact 100??00A - 2 NO - 2 NC
Jul 19, 2021
LA1SK02 SCHNEIDER-LA1SK02 Datasheet
176Kb / 2P
TeSys SK - auxiliary contact block - 2 NC
Aug 31, 2021
LUA1C11 SCHNEIDER-LUA1C11 Datasheet
93Kb / 1P
TeSys U, signalling auxiliary contacts, 1 NO and 1 NC
Aug 11, 2019
DF14AM1 SCHNEIDER-DF14AM1 Datasheet
97Kb / 2P
TeSys fuse-disconnector - signalling contact - 1 NC - 5A - instantaneous
Jun 2, 2022
DF14AM2 SCHNEIDER-DF14AM2 Datasheet
97Kb / 2P
TeSys fuse-disconnector - signalling contact - 2 NC - 5A - instantaneous
Jun 2, 2022
DF22AM1 SCHNEIDER-DF22AM1 Datasheet
96Kb / 2P
TeSys fuse-disconnector - signalling contact - 1 NC - 5A - instantaneous
Jun 2, 2022
LA8D324 SCHNEIDER-LA8D324 Datasheet
108Kb / 2P
TeSys fuse-disconnector - 1P - Add on for LS1D32
Jun 2, 2022
LAD352 SCHNEIDER-LAD352 Datasheet
110Kb / 2P
TeSys fuse-disconnector - power connection kit
Jun 7, 2022
LAD3B1 SCHNEIDER-LAD3B1 Datasheet
148Kb / 2P
TeSys fuse disconnector - terminal block - upstream
Jun 7, 2022
LK4AD20N SCHNEIDER-LK4AD20N_V01 Datasheet
117Kb / 2P
TeSys GS - auxiliary contact 100??400A - 2 NO - 2 NC
Jun 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com