Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM193W Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM193W
Description  LOW POWER DUAL VOLTAGE COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM193W Datasheet(HTML) 3 Page - STMicroelectronics

  LM193W Datasheet HTML 1Page - STMicroelectronics LM193W Datasheet HTML 2Page - STMicroelectronics LM193W Datasheet HTML 3Page - STMicroelectronics LM193W Datasheet HTML 4Page - STMicroelectronics LM193W Datasheet HTML 5Page - STMicroelectronics LM193W Datasheet HTML 6Page - STMicroelectronics LM193W Datasheet HTML 7Page - STMicroelectronics LM193W Datasheet HTML 8Page - STMicroelectronics LM193W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM193W - LM293W - LM393W
3/10
ELECTRICAL CHARACTERISTICS
VCC
+ = +5V, VCC
-= 0V, T
amb = +25°C (unless otherwise specified)
Symbol
Parameter
Min
Typ.
Max.
Unit
Vio
Input Offset Voltage - note 1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.
At output switch point, Vo ≈ 1.4V, Rs = 0 with VCC
+ from 5V to 30V, and over the full common-mode range (0V to V
CC
+ -1.5V).
15
9
mV
Iib
Input Bias Current - note 2)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output, so no loading charge exists on the reference of input lines.
25
250
400
nA
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
550
150
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 15kΩ, Vo = 1V to 11V
50
200
V/mV
ICC
Supply Current (all comparators)
VCC = 5V, no load
VCC = 30V, no load
0.4
1
1
2.5
mA
Vicm
Input Common Mode Voltage Range - note 3)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC
+ -1.5V, but either or both inputs can go to +30V without damage
0
0
VCC
+ -1.5
VCC
+ -2
V
Vid
Differential Input Voltage -note 4)
4.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the
comparator will provide a proper output state. The low input voltage state must not be less than -0.3V (or 0.3V bellow the negative power supply, if
used).
VCC
+
V
Isink
Output Sink Currrent
Vid= 1V, Vo = 1.5V
616
mA
VOL
Low Level Output Voltage
Vid = -1V, Isink = 4mA
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
700
mV
IOH
High Level Output Current (Vid = 1V)
Vid = 1V, VCC = Vo = 30V
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
tre
Response Time - note 5)
RL= 5.1kΩ to VCC
+
5.
The response time specified is for a 100mV input step with 5mV overdrive. For larger overdrive signals 300ns can be obtained
1.3
µs
trel
Large Signal Response Time
Vi = TTL, V(ref) = +1.4V, RL= 5.1kΩ to VCC
+
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com