Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM393W Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM393W
Description  LOW POWER DUAL VOLTAGE COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM393W Datasheet(HTML) 2 Page - STMicroelectronics

  LM393W Datasheet HTML 1Page - STMicroelectronics LM393W Datasheet HTML 2Page - STMicroelectronics LM393W Datasheet HTML 3Page - STMicroelectronics LM393W Datasheet HTML 4Page - STMicroelectronics LM393W Datasheet HTML 5Page - STMicroelectronics LM393W Datasheet HTML 6Page - STMicroelectronics LM393W Datasheet HTML 7Page - STMicroelectronics LM393W Datasheet HTML 8Page - STMicroelectronics LM393W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM193W - LM293W - LM393W
2/10
SCHEMATIC DIAGRAM (1/2 LM193)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
LM193W
LM293W
LM393W
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential Input Voltage
VCC
- -0.3 to V
CC
+ +0.3
V
Vi
Input Voltage
V
Output Short-circuit to Ground - note 1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and eventual destruction. The maximum output current is approximately 20mA
independent of the magnitude of VCC
+.
Infinite
Ptot
Power Dissipation
830
mW
Toper
Opearting Free-air Temperature Range
-55 to +125 -40 to +105
0 to +70
°C
Tstg
Storage Temperature Range
-65 to +150
°C
VCC-
VCC-
VCC+
VCC+
VCC+
VCC-
VCC-
VCC-
3.5µA
100µA
3.5µA
100µA
Vo
Non-Inverting
Inverting
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com