Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB4101A2 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # LB4101A2
Description  Output Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB4101A2 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  LB4101A2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB4101A2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB4101A2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data
Marking
1
II 3(1) G Ex nA [ia Ga] IIC T4 Gc
1
I (M1) [Ex ia Ma] I
1
II (1) D [Ex ia Da] IIIC
Output
Voltage
Uo
27 V
Current
Io
87 mA
Power
Po
575 mW (linear characteristic)
Galvanic isolation
Output/power supply, internal bus
safe electrical isolation acc. to EN 60079-11, voltage peak value 375 V
Directive conformity
Directive 2014/34/EU
EN IEC 60079-0:2018+AC:2020
EN 60079-11:2012
EN 60079-15:2010
International approvals
ATEX approval
BVS 11 ATEX E 116X
UL approval
E106378
IECEx approval
BVS 11.0068X
Approved for
Ex nA [ia Ga] IIC T4 Gc
[Ex ia Da] IIIC
[Ex ia Ma] I
General information
System information
The module has to be mounted in appropriate backplanes (LB9***) in Zone 2 or
outside hazardous areas. Here, observe the corresponding declaration of conformity.
For use in hazardous areas (e. g. Zone 2, Zone 22 or Div. 2) the module must be
installed in an appropriate enclosure.
Supplementary information
EC-Type Examination Certificate, Statement of Conformity, Declaration of Conformity,
Attestation of Conformity and instructions have to be observed where applicable. For
information see www.pepperl-fuchs.com.
Assembly
6
5
4
3
2
1
I
P
1
Front view
Power LED green
Diagnostic LED red/white
Status LED red
Socket for
removable plug
blue (accessory)
Output Isolator
LB4101A2
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com