Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLP27M810 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLP27M810
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLP27M810 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLP27M810 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLP27M810 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLP27M810
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 1 — 11 February 2016
4 of 11
BLP27M810
Power LDMOS transistor
7. Application information
7.1 Application circuit
Printed-Circuit Board (PCB): Rogers RO4350B;
r = 3.5; thickness = 0.508 mm; thickness copper plating = 35 m.
See Table 8 for list of components.
Fig 1.
Component layout
76.2 mm
40 mm
BLP27M810
2400-2500MHz
20RO4350B [V1]
C1
R1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11 C12
C13
amp00015
Table 8.
List of components
See Figure 1 for component layout.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor 0.5 pF
ATC 100A
C2, C10
multilayer ceramic chip capacitor 15 pF
ATC 100A
C3
multilayer ceramic chip capacitor 2.2 pF
ATC 100A
C4, C11, C12 multilayer ceramic chip capacitor 1
F, 50 V
Murata: GRM32RR71H105KA01L
C5, C6
multilayer ceramic chip capacitor 2.4 pF
ATC 100A
C7, C8
multilayer ceramic chip capacitor 1.5 pF
ATC 100A
C9
multilayer ceramic chip capacitor 15 pF
ATC 100A
C13
electrolytic capacitor
10
F, 63 V
R1
chip resistor
5.1
SMD 0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com