Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLS73135LS-350P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLS73135LS-350P
Description  LDMOS S-band radar power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLS73135LS-350P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLS73135LS-350P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLS73135LS-350P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLS7G3135L-350P_7G3135LS-350P#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
4 of 13
BLS7G3135L(S)-350P
LDMOS S-band radar power transistor
7. Application information
7.1 Ruggedness in class-AB operation
The BLS7G3135L-350P and the BLS7G3135LS-350P are capable of withstanding a load
mismatch corresponding to VSWR = 10 : 1 through all phases under the following
conditions: VDS =32V; IDq = 200 mA; PL = 350 W; tp =300 s;  =10%
Table 7.
RF characteristics
Test signal: pulsed RF; tp = 300 s; = 10 %; RF performance at VDS =32 V; IDq =200 mA;
Tcase =25 C; unless otherwise specified, in a class-AB production circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
At frequency of 3.1 GHz
Gp
power gain
PL = 350 W
10.5
12
-
dB
RLin
input return loss
PL = 350 W
-
6-
dB
D
drain efficiency
PL = 350 W
38
43
-
%
Pdroop(pulse)
pulse droop power
PL = 350 W
-
0.2
0.3
dB
tr
rise time
PL = 350 W
-
5
50
ns
tf
fall time
PL = 350 W
-
5
50
ns
At frequency of 3.3 GHz
Gp
power gain
PL = 350 W
10.5
12
-
dB
RLin
input return loss
PL = 350 W
-
6-
dB
D
drain efficiency
PL = 350 W
38
43
-
%
Pdroop(pulse)
pulse droop power
PL = 350 W
-
0.2
0.3
dB
tr
rise time
PL = 350 W
-
5
50
ns
tf
fall time
PL = 350 W
-
5
50
ns
At frequency of 3.5 GHz
Gp
power gain
PL = 320 W
8.5
10
-
dB
RLin
input return loss
PL = 320 W
-
9-
dB
D
drain efficiency
PL = 320 W
35
39
-
%
Pdroop(pulse)
pulse droop power
PL = 320 W
-
0.2
0.3
dB
tr
rise time
PL = 320 W
-
5
50
ns
tf
fall time
PL = 320 W
-
5
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com