Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N02HDR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMDF3N02HDR2
Description  Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDF3N02HDR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MMDF3N02HDR2 Datasheet HTML 1Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 2Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 3Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 4Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 5Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 6Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 7Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 8Page - ON Semiconductor MMDF3N02HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MMDF3N02HD
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
20
–
–
29
–
–
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0 Vdc)
(VDS = 20 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
–
–
–
–
1.0
10
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
–
–
100
nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
–
1.5
4.0
2.0
–
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 3.0 Adc)
(VGS = 4.5 Vdc, ID = 1.5 Adc)
RDS(on)
–
–
0.058
0.074
0.090
0.100
Ohms
Forward Transconductance (VDS = 3.0 Vdc, ID = 1.5 Adc)
gFS
2.0
3.88
–
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
16 Vd
V
0 Vd
Ciss
–
455
630
pF
Output Capacitance
(VDS = 16 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
–
184
250
Transfer Capacitance
f = 1.0 MHz)
Crss
–
45
90
SWITCHING CHARACTERISTICS (Note 3.)
Turn–On Delay Time
td(on)
–
11
22
ns
Rise Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS =45Vdc
tr
–
58
116
Turn–Off Delay Time
VGS = 4.5 Vdc,
RG = 6.0 Ω)
td(off)
–
17
35
Fall Time
RG 6.0 Ω)
tf
–
20
40
Turn–On Delay Time
td(on)
–
7.0
21
Rise Time
(VDD = 10 Vdc, ID = 3.0 Adc,
VGS =10Vdc
tr
–
32
64
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 6.0 Ω)
td(off)
–
27
54
Fall Time
RG 6.0 Ω)
tf
–
21
42
Gate Charge
SFi
8
QT
–
12.5
18
nC
See Figure 8
(VDS = 16 Vdc, ID = 3.0 Adc,
Q1
–
1.3
–
(VDS 16 Vdc, ID 3.0 Adc,
VGS = 10 Vdc)
Q2
–
2.8
–
Q3
–
2.4
–
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (Note 2.)
(IS = 3.0 Adc, VGS = 0 Vdc)
(IS = 3.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
–
–
0.79
0.72
1.3
–
Vdc
Reverse Recovery Time
SFi
15
trr
–
23
–
ns
See Figure 15
(IS = 3.0 Adc, VGS = 0 Vdc,
ta
–
18
–
(IS 3.0 Adc, VGS 0 Vdc,
dIS/dt = 100 A/µs)
tb
–
5.0
–
Reverse Recovery Stored Charge
QRR
–
0.025
–
µC
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com