Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM5118ALB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM5118ALB
Description  Low-cost interactive FTA set-top box decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM5118ALB Datasheet(HTML) 1 Page - STMicroelectronics

  STM5118ALB Datasheet HTML 1Page - STMicroelectronics STM5118ALB Datasheet HTML 2Page - STMicroelectronics STM5118ALB Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
STM5118
Low-cost interactive FTA set-top box decoder
Rev. 1
DESCRIPTION
STMicroelectronics
sets
a
new
standard
for
performance, price and integration in the single chip
MPEG-2 set-top-box decoder market with the
introduction of the STM5118. This highly integrated
solution targets mass market FTA set-top boxes,
offers increased performance over earlier devices
and includes many features for further reduce
costs, including a unified memory architecture.
The STM5118 features the ST20 CPU that is
standard across the OMEGA range but boosts the
clock speed to 200 MHz which, when combined
with the 2D graphics engine gives the new device
outstanding graphics performances, for mosaic
composition, fast channel change time and richer
graphic content. Targeting low-cost, single tuner
STB applications, the STM5118 is hardware and
software binary compatible with the STx5105. This
allows manufacturers to use a unified platform for
all mass market set-top boxes.
The integration of the VCXO and audio DACs
ensures that manufacturers using the STM5118 will
cut their total bill of materials and significantly
simplify board design and assembly.
Figure 1. Package (24 x 24 mm LQFP216)
Figure 2. STM5118
xxxx
STV0288
STV0362
STM5118
buffer
Video
Audio
buffer
NOR
Flash
IR
RX/TX
SDRAM
COFDM
+ tuner
and
STB6000 tuner
or


Similar Part No. - STM5118ALB

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STM51004A SIEMENS-STM51004A Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51004G SIEMENS-STM51004G Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51005A SIEMENS-STM51005A Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
STM51005G SIEMENS-STM51005G Datasheet
128Kb / 4P
1300 nm Laser in Receptacle Package, Medium Power
More results

Similar Description - STM5118ALB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STM7710 STMICROELECTRONICS-STM7710 Datasheet
363Kb / 23P
Single-chip, low-cost HD set-top box decoder
25-Aug-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI7101 STMICROELECTRONICS-STI7101 Datasheet
149Kb / 9P
Low-cost HDTV set-top box decoder for H.264
11-Sep-2008
STI7141 STMICROELECTRONICS-STI7141 Datasheet
79Kb / 6P
HD decoder for interactive digital cable set-top box
09-Sep-2008
STI5118 STMICROELECTRONICS-STI5118 Datasheet
72Kb / 5P
Low-cost interactive FTA set-top box decoder
17-Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
STI5167 STMICROELECTRONICS-STI5167 Datasheet
67Kb / 8P
Low-cost interactive set-top box with advanced features
10-Apr-2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com