Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI5300-DVB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI5300-DVB
Description  High-performance set-top box decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5300-DVB Datasheet(HTML) 1 Page - STMicroelectronics

  STI5300-DVB Datasheet HTML 1Page - STMicroelectronics STI5300-DVB Datasheet HTML 2Page - STMicroelectronics STI5300-DVB Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
DATA BRIEF
September 2005
STi5300
High-performance set-top box decoder
Rev. 1
DESCRIPTION
The new STi5300 MPEG-2 decoder from ST
provides a step-change in performance for pay TV
set-top boxes and digital video recorders.
Delivering 1.33 GOPS of processing power
through an ST230 VLIW CPU running at 333 MHz,
ST has ensured that manufacturers’ investment in
new products is protected as the STi5300 can
easily accommodate today’s interactive software,
and provides a platform that can support the even
more demanding applications of the future. Both
Linux and OS21 operating systems are supported,
and an MMU provides support for virtual memory
management.
The STi5300’s power comes from the VLIW
architecture of the ST230 CPU. This allows four
instructions to be executed at each CPU cycle,
dramatically
increasing
performance.
By
maintaining pin compatibility with the STi5100,
manufacturers can make use of the STi5300 with
minimal hardware redesign.
Package (27 x 27 PBGA 336 package)
Figure 1. STi5300 low-cost interactive set-top box
xxxx
STi5300
Transport
stream in
VCR
PSTN
QPSK ZIF Rx
STV0299
Smart
Cards
Smart
cards
Flash
IR Tx/Rx
128 Mbit
DDR
RGB
CVBS/YC
SiLabs
DAA
Transport
stream in
QPSK ZIF Rx
HDD
USB
port
(Optional)
and
STB6000
STV0299
and
STB6000


Similar Part No. - STI5300-DVB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI50DE100 STMICROELECTRONICS-STI50DE100 Datasheet
311Kb / 11P
Hybrid Emitter Switched Bipolar Transistor ESBT 1000 V - 50 A - 0.026 ohm
10-Jan-2007
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100-MBOARD STMICROELECTRONICS-STI5100-MBOARD Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100-REF STMICROELECTRONICS-STI5100-REF Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
STI5100-STDVB STMICROELECTRONICS-STI5100-STDVB Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
More results

Similar Description - STI5300-DVB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5100 STMICROELECTRONICS-STI5100 Datasheet
89Kb / 2P
Low-cost interactive set-top box decoder
May-2004
logo
Broadcom Corporation.
BCM7328 BOARDCOM-BCM7328 Datasheet
103Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STM5105 STMICROELECTRONICS-STM5105 Datasheet
110Kb / 3P
Low-cost interactive set-top box decoder
Mar-2005
logo
Broadcom Corporation.
BCM7315 BOARDCOM-BCM7315 Datasheet
104Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
BCM7317 BOARDCOM-BCM7317 Datasheet
132Kb / 2P
SINGLE-CHIP SATELLITE SET-TOP BOX DECODER
logo
STMicroelectronics
STI5107 STMICROELECTRONICS-STI5107 Datasheet
274Kb / 14P
Low-cost interactive set-top box decoder
05-Dec-2006
STI5517 STMICROELECTRONICS-STI5517 Datasheet
95Kb / 3P
Low-cost set-top box decoder
Oct-2004
STI5105 STMICROELECTRONICS-STI5105_08 Datasheet
76Kb / 5P
High-performance advanced SD decoder for set-top box
Nov-2008
STI5162 STMICROELECTRONICS-STI5162 Datasheet
65Kb / 7P
Low-cost interactive set-top box decoder
10-Apr-2009
STI5205 STMICROELECTRONICS-STI5205 Datasheet
93Kb / 8P
High-performance advanced SD decoder for set-top box
10-Nov-2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com