Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM605 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMM605
Description  Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM605 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMM605 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SMM605
Preliminary Information
Summit Microelectronics, Inc
2064 1.1 09/16/03
11
READY
START
J1
Ext VRef
C6 1uF
R4 10K
R1 10K
J1
1
2
3
4
5
6
7
8
9
10
Gnd
SCL
Gnd3
SDA
Rsrv5
MR
+10V
Rsrv8
+5V
Rsrv10
R2 10K
C6
0.1uF
C8
0.1uF
The SMM605 and the DC-DC Converter
Can Operate with either 12V or VDD
If 12V is used, VDD can be left floating
If VDD is used, 12V can be left floating
D1
DIODE
If the SMM605 internal VREF
is used, the VREF_CNTL pin
becomes an output
C4
0.1uF
DC-DC ENABLE
+12VIN (+6V to +14V)
SMX3200 I2C
Programming
Connector 10
pin Header
C1
0.1uF
C2
0.1uF
R3 10K
U4
LM4121
1
3
4
5
Ref
EN
VIn
VOut
C5
0.02uF
U1
SMM605
2
3
4
7
15
1
SCL
A2
START
READY
FILT_CAP
VMX
TRIM_CAPX
TRIMX
SDA
Vdd
U2
DC-DC Converter
1
2
3
4
7
8
9
10
11
+Vout
+Vout
Sense
+Vout
+Vin
+Vin
+Vin
Trim
Enable
C3
0.01uF
VDD (+2.7V to +5.5V)
VOUT
J2
Supply
C7
0.01uF
Figure 7 – SMM605 Applications schematic. The accuracy of the external (U4) or internal reference sets the
accuracy of the ADOC function. Total accuracy with a ±0.1% external reference is ±0.2% and ±0.5% with the
internal reference. The 12V supply can go as low as 6V if the internal regulator is set to 3.6V.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com