Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM766 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMM766
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMM766 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM766 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SMM766
Preliminary Information
Summit Microelectronics, Inc
2086 2.1 12/13/2005
11
Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND. See Figure 5
and 6 Timing diagrams.
Symbol
Description
Conditions
Min
Typ
Max
Unit
TDPON = 0.64MS
TDPON = 12.5MS
TDPOFF = 25MS
tDPON
Programmable power-on delay
from restart timer expiration to
PUPY active
TDPOFF = 50MS
-25
tDPON
+25
%
TDPOFF = 0.64MS
tDPOFF
Programmable power-off delay
from VMX off to PUPY inactive
TDPOFF = 12.5MS
-25
tDPOFF
+25
%
TPRTO = 0.64MS
TPRTO = 25MS
TPRTO = 100MS
tPRTO
Programmable reset time-out delay
TPRTO = 200MS
-25
tPRTO
+25
%
TSTT = OFF
TSTT = 100MS
TSTT = 200MS
tSTT
Programmable sequence
termination timer
TSTT = 400MS
-25
tSTT
+25
%
tFTRD
Fault-triggered restart delay
Time from restart timer
expiration to PUPY active
after a fault-triggered power-
off or force-shutdown.
2.4
s
tFTRDACC
Fault-triggered restart delay
accuracy
-25
tFTRD
+25
%
tCTRD
Command-triggered restart delay
Time from restart timer
expiration to PUPY active
after command-triggered
power-off or force-shutdown.
12.5
ms
tCTRDACC
Command-triggered restart delay
accuracy
-25
tCTRD
+25
%
TADC
10-bit ADC sampling period
Time for ADC conversion of
all 11 channels
2.0
ms
TDC_CONTROL
ADOC sampling period
Update period for ADOC of
channels
A – F
1.7
ms
Slow Margin, + 10% change
in voltage with 0.1% ripple
TRIM_CAP=1
µF
850
ms
tMARGIN
Margin Time from Nominal
Fast Margin, + 10% change
in voltage with 0.1% ripple
TRIM_CAP=1
µF
85
ms
AC OPERATING CHARICTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com