Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP9517 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMP9517
Description  Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9517 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMP9517 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 8Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SMP9517
SUMMIT MICROELECTRONICS, Inc.
2035 3.0 5/10/00
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias
–55°C to 125°C
Storage Temperature
–65°C to 150°C
Voltage on pins with reference to GND:
Analog Inputs
–0.5V to VDD+0.5V
Digital Inputs
–0.5V to VDD+0.5V
Analog Outputs
–0.5V to VDD+0.5V
Digital Outputs
–0.5V to VDD+0.5V
Lead Solder Temperature (10s)
300°C
COMMENT
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of
the device at these or any other conditions outside those
listed in the operation sections of this specification is not
implied. Exposure to any absolute maximum rating for
extended periods may affect device performance and
reliability.
RECOMMENDED OPERATING CONDITIONS
n
o
i
t
i
d
n
o
C.
n
i
M.
x
a
M
e
r
u
t
a
r
e
p
m
e
TC
º
0
4
–
C
º
5
8
V
D
D
V
7
.
2V
5
.
5
2035 Table02 3.0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com