Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM465FCR02 Datasheet(PDF) 21 Page - Summit Microelectronics, Inc.

Part # SMM465FCR02
Description  4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM465FCR02 Datasheet(HTML) 21 Page - Summit Microelectronics, Inc.

Back Button SMM465FCR02 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 24Page - Summit Microelectronics, Inc. SMM465FCR02 Datasheet HTML 25Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
SMM465
Preliminary Information
Summit Microelectronics, Inc
2085 1.1 05/27/04
21
The end user can obtain the Summit SMX3200
programming
system
for
device
prototype
development. The SMX3200 system consists of a
programming Dongle, cable and Windows
TM
GUI
software. It can be ordered on the website or from a
local representative. The latest revisions of all
software and an application brief describing the
SMX3200
is
available
from
the
website
(www.summitmicro.com).
The SMX3200 programming Dongle/cable interfaces
directly between a PC’s parallel port and the target
application. The device is then configured on-screen
via an intuitive graphical user interface employing
drop-down menus.
The Windows GUI software will generate the data and
send it in I
2C serial bus format so that it can be directly
downloaded to the SMM465 via the programming
Dongle and cable.
An example of the connection
interface is shown in Figure 15.
When design prototyping is complete, the software
can generate a HEX data file that should be
transmitted to Summit for approval. Summit will then
assign a unique customer ID to the HEX code and
program production devices before the final electrical
test operations.
This will ensure proper device
operation in the end application.
Pin 9, 5V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200 interface cable connector.
9
7
5
3
1
10
8
6
4
2
SMM465
SDA
SCL
VDD_CAP
GND
0.1 F
MR
D1
1N4148
Figure 15 – SMX3200 Programmer I
2C serial bus connections to program the SMM465. Note that the MR pin
does not need to be connected to pin 6 for programming purposes.
DEVELOPMENT HARDWARE & SOFTWARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com