Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS44S Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMS44S
Description  Highly Programmble Voltage Supervisory Circuit
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS44S Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMS44S Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS44S Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SMS44
2047 2.3 10/23/00
SUMMIT MICROELECTRONICS, Inc.
PIN CONFIGURATION
PIN NAMES
MR#
V1
V2
PUP#1
PUP#2
A1
A2
GND
V0
WLDI
V3
PUP#3
IRQ#
RESET#
SCL
SDA
16-Pin SOIC or
16-Pin SSOP
2047 T PCon 2.0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
1#
R
Mt
u
p
n
i
t
e
s
e
r
l
a
u
n
a
M
2V
1
t
u
p
n
i
r
o
t
i
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
t
l
o
V
3V
2
t
u
p
n
i
r
o
t
i
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
t
l
o
V
41
#
P
U
Pt
u
p
t
u
o
d
e
t
t
i
m
r
e
p
p
u
r
e
w
o
P
52
#
P
U
Pt
u
p
t
u
o
d
e
t
t
i
m
r
e
p
p
u
r
e
w
o
P
61
At
u
p
n
i
s
s
e
r
d
d
A
72
At
u
p
n
i
s
s
e
r
d
d
A
8D
N
Gn
r
u
t
e
r
y
l
p
p
u
s
r
e
w
o
P
9A
D
SO
/
I
a
t
a
d
l
a
i
r
e
S
0
1L
C
Sk
c
o
l
c
a
t
a
d
l
a
i
r
e
S
1
1#
T
E
S
E
Rt
u
o
t
e
s
e
R
2
1#
Q
R
It
u
o
t
p
u
r
r
e
t
n
I
3
13
#
P
U
Pt
u
p
t
u
o
d
e
t
t
i
m
r
e
p
p
u
r
e
w
o
P
4
1V
3
t
u
p
n
i
r
o
t
i
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
t
l
o
V
5
1I
D
L
W
r
e
m
i
t
g
o
d
g
n
o
l
/
g
o
d
h
c
t
a
W
t
p
u
r
r
e
t
n
i
6
1V
0
t
u
p
n
i
r
o
t
i
n
o
m
d
n
a
y
l
p
p
u
s
e
g
a
t
l
o
V
2047 Pins Table 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com