Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS47 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMS47
Description  Quad Programmable Precision Cascade Sequencer and Supervisory Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS47 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMS47 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS47 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
SMS47
2087 1.1 04/11/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
INTERNAL BLOCK DIAGRAM
Time based sequencing has the ability to turn supplies on
in a specific order. However, it cannot guarantee that each
supply has reached valid voltage levels before the next
supply is sequenced on. Cascade sequencing guarantees
the supplies are enabled a programmed period of time after
the previous voltage has reached its minimum pro-
grammed valid level. Figure 1 shows that each succeeding
voltage must reach its minimum valid level before the timer
is started to time the interval, t, for the next voltage. The
duration of each t is programmable for each supply to
supply transition. The next supply is not enabled until the
timer has elapsed. See also Figure 5.
Figure 1. Cascading Power Supplies
CASCADE SEQUENCING
0V
4V
2V
6V
T
t
t
t
5V
2.5V
3.3V
1.8V
5V Valid
3.3V Valid
2.5V Valid
2047 Fig01
V
+
–
REF
NV DAC
+
–
REF
NV DAC
+
–
REF
NV DAC
+
–
REF
NV DAC
V0 16
V1 2
V2 3
V3 14
MR# 1
PROGRAMMABLE
WATCHDOG
TIMER
PROGRAMMABLE
RESET PULSE
GENERATOR
SERIAL
BUS
CONTROL
LOGIC
RESET#
PUP#1
11
5
4
SDA
VDD_CAP
WLDI
9
15
10
PUP#2
PUP#3
13
SCL
A2
7
6
A1
CONFIGURATION
REGISTER
CONFIGURATION
REGISTER
GND
8
PROGRAMMABLE
POWER
CASCADING
VDD_CAP
50k
Ω
50k
Ω
12
SUPPLY
ARBITRATION
V3
V2
V1
V0
VDD_CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com