Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS66 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMS66
Description  Six-Channel Power Supply Supervisor and Cacsade Sequence Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS66 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMS66 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS66 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SMS66
Preliminary Information
Summit Microelectronics, Inc
2070 1.0 7/16/03
2
GENERAL DESCRIPTION
The SMS66 is a highly integrated power supply
controller, monitor and sequencer. It has the ability to
control, monitor and sequence up to six power
supplies. Also, the SMS66 can monitor the VDD input,
the 12V input, two general-purpose analog inputs and
the internal temperature sensor.
The SMS66 has
three operating modes: Power-on sequencing mode,
monitor mode, and Power-off sequencing mode.
Power-on sequencing can be initiated via the
PWR_ON/OFF pin or I
2C control. In this mode, the
SMS66 will sequence the power supply channels on in
any order by activating the PUP outputs and
monitoring the respective converter voltages to ensure
cascading of the supplies. A programmable sequence
termination timer can be set to disable all channels if
the Power-on sequence stalls. During this mode the
HEALTHY output will remain inactive and the RST
output will remain active.
Once the Power-on sequencing mode is complete, the
SMS66 enters monitor mode. In the monitor mode the
SMS66 supervises the supplies to within 5mV, and
enables the triggering of outputs by monitored fault
conditions.
The 10-bit ADC cycles through all 11 channels every
2ms and checks the conversions against the
programmed threshold limits. The results can be used
to trigger RST, HEALTHY and FAULT outputs as well
as to trigger a Power-off or a Force Shutdown
operation.
The Power-off sequencing mode can only be entered
while the SMS66 is in the monitoring mode. It can be
initiated by either bringing the PWR_ON/OFF pin
inactive, through I
2C control or triggered by a channel
exceeding its programmed thresholds. Once Power-
off is initiated it will disable the Active DC Control and
sequence the PUP outputs off in either the same or
reverse order as Power-on sequencing and monitor
the supply voltages to ensure cascading of the
supplies as they turn off. The sequence termination
timer can be programmed to immediately disable all
channels if the Power-off sequencing stalls. The RST
output will remain active throughout this mode while
the HEALTHY output remains inactive.
Figure 2 – Example Power Supply Sequencing and System Start-up Initialization using the SMS66.
Any order of supply sequencing can be applied using the SMS66 with very accurate monitoring and
supervisory functions.
2.5V
2.7V
1.8V
2.0V
1.5V
VDD (+2.7V to +5.5V)
or 12VIN ( +8V to +15V)
RST#
t
PRTO
t
DPONC
t
DPONB
t
DPOND
t
DPONE
t
DPONF
t
DPONA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com