Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS64FR01 Datasheet(PDF) 22 Page - Summit Microelectronics, Inc.

Part # SMS64FR01
Description  Six-Channel Supply Monitor and Sequencing Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS64FR01 Datasheet(HTML) 22 Page - Summit Microelectronics, Inc.

Back Button SMS64FR01 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 20Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 21Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 22Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 23Page - Summit Microelectronics, Inc. SMS64FR01 Datasheet HTML 24Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
SMS64
Preliminary
Summit Microelectronics, Inc
2060 2.22 10/09/03
22
DEFAULT CONFIGURATION REGISTER SETTINGS – SMS64F-116 (Cont.)
R16
3F
PUPA High/Low Logic Level set to High [D0]
PUPB High/Low Logic Level set to High [D1]
PUPC High/Low Logic Level set to High [D2]
PUPD High/Low Logic Level set to High [D3]
PUPE High/Low Logic Level set to High [D4]
PUPF High/Low Logic Level set to High [D5]
R17
0F
PUPA High Voltage/Logic Level set to HV [D0]
PUPB High Voltage/Logic Level set to HV [D1]
PUPC High Voltage/Logic Level set to HV [D2]
PUPD High Voltage/Logic Level set to HV [D3]
PUPE High Voltage/Logic Level set to not HV [D4]
PUPF High Voltage/Logic Level set to not HV [D5]
R18
08
RSTA Cleared on PUPA Active set to No [D0]
RSTA Cleared on PUPB Active set to No [D1]
RSTA Cleared on PUPC Active set to No [D2]
RSTA Cleared on PUPD Active set to Yes [D3]
RSTA Cleared on PUPE Active set to No [D4]
RSTA Cleared on PUPF Active set to No [D5]
R19
01
Vgate Select set to 14.5V [D0]
No ACK For Slave Address 1001 set to ACK [D1]
Configuration Lock Option set to Unlocked [D2]
Force Shutdown Instead Of Cascade Down set to No [D3]
Force Shutdown Latched Until POR set to No [D4]
Forward Or Reverse PUP Order set to Reverse [D5]
Memory (EE) Slave Address set to 1010 [D7]
R1D
0F
Ready After VCCA OK set to Ready [D0]
Ready After VCCB OK set to Ready [D1]
Ready After VCCC OK set to Ready [D2]
Ready After VCCD OK set to Ready [D3]
Ready After VCCE OK set to Not Used [D4]
Ready After VCCF OK set to Not Used [D5]
Application Note 32 contains a complete description of the Windows GUI and the default
settings of each of the 24 individual Configuration Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com