Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2902SA Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMS2902SA
Description  Voltage Supervisory Circuit With Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS2902SA Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMS2902SA Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS2902SA Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SMS2902/SMS2904/SMS2916
2028 5.1 8/2/00
PIN CONFIGURATIONS
PIN NAMES
Symbol
Pin
Description
WDI#
1
Watchdog Input /a high to
low transition will clear the
watchdog timer
RESET#
2
Active Low RESET Input/Output
NC
3
No Connect, tie to ground
or leave open
GND
4
Analog and Digital Ground
SDA
5
Serial Memory Input/
Output data line
SCL
6
Serial Memory clock input
RESET
7
Active High RESET Input/
Output
VCC
8
Supply Voltage
2028 PGM T1.1
FIGURE 1. SERIAL BUS TIMING DIAGRAM
CAPACITANCE
TA = 25°C, f = 100KHz
Symbol
Parameter
Max
Units
CIN
Input Capacitance
5
pF
LOUT
Output Capacitance
8
pF
2028 PGM T2..0
SCL
SDA In
SDA Out
tAA
tR
tH IGH
tLOW
tSU:STO
tBUF
tSU:DAT
tHD:DAT
tHD:SDA
tSU:SDA
tDH
2028 ILL5.0
tF
WDI#
RESET#
NC
GND
VCC
RESET
SCL
SDA
1
2
3
4
8
7
6
5
8-Pin SOIC
2028 T PCon 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com