Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB9006C Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB9006C
Description  Power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB9006C Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB9006C Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB9006C Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB9006C Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power supply
LB9006C
< Power supply for 24 V
< Permits vertical or horizontal mounting in Zone 2
< Use three power supplies for redundancy
< Galvanic isolation to mains
< Supply of I/O modules and com units
< Mounting in Zone 2, Class I/Div.2 or in the safe area
Function
The power supply provides power for the I/O modules and com units mounted on the backplane.
Input and output are galvanically isolated from each other (EN 60950-1).
Connection
Zone 2
Div. 2
+
+
12 V DC
5 V DC
+
24 V DC
Technical Data
Slots
Bus coupler
2
I/O modules
>12, depending on the type
Supply
Maximum safe voltage Um
60 V DC (SELV/PELV)
Input voltage range
U
18 ... 32 V DC (SELV/PELV)
Power dissipation
approx. 15 % of power consumption
Power consumption
max. 30 W for Zone 2 applications
max. 45 W for applications in safe area
parallel connection with other LB9006C (autom. power sharing)
Inrush current
1.5 A (10 ms)
Output
Voltage
5.4 V DC +/- 5% ,
12 V DC + 4/- 2%
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB9006C

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB9001A PF-LB9001A Datasheet
736Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9002A PF-LB9002A Datasheet
765Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9003A PF-LB9003A Datasheet
445Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9007A PF-LB9007A Datasheet
596Kb / 2P
Terminal Block
2020-03-30
LB9008A PF-LB9008A Datasheet
671Kb / 1P
Protective Cover for Terminal Blocks
2020-03-30
More results

Similar Description - LB9006C

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com