Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC080N10NM6 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ISC080N10NM6
Description  OptiMOSTM 6 Power-Transistor, 100 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC080N10NM6 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ISC080N10NM6 Datasheet HTML 1Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 2Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 3Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 4Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 5Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 6Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 7Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 8Page - Infineon Technologies AG ISC080N10NM6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
OptiMOSTM6Power-Transistor,100V
ISC080N10NM6
Rev.2.0,2021-07-05
Final Data Sheet
1Maximumratings
atTA=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
-
-
-
-
75
53
48
13
A
VGS=10V,TC=25°C
VGS=10V,TC=100°C
VGS=8V,TC=100°C
VGS=10V,TA=25°C,RthJA=50°C/W2)
Pulsed drain current
3)
ID,pulse
-
-
300
A
TA=25°C
Avalanche current, single pulse
4)
IAS
-
-
50
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
185
mJ
ID=11A,RGS=25
Ω
Gate source voltage
VGS
-20
-
20
V
-
Power dissipation
Ptot
-
-
-
-
100
3.0
W
TC=25°C
TA=25°C,RthJA=50°C/W2)
Operating and storage temperature
Tj,Tstg
-55
-
175
°C
-
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case,
bottom
RthJC
-
0.77
1.5
°C/W -
Thermal resistance, junction - case,
top
RthJC
-
-
20
°C/W -
Thermal resistance, junction - ambient,
6 cm² cooling area
RthJA
-
-
50
°C/W -
1) Rating refers to the product only with datasheet specified absolute maximum values, maintaining case temperature
as specified. For other case temperatures please refer to Diagram 2. De-rating will be required based on the actual
environmental conditions.
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
3) See Diagram 3 for more detailed information
4) See Diagram 13 for more detailed information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com