Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF22AP Datasheet(PDF) 1 Page - Schneider Electric

Part # DF22AP
Description  TeSys fuse-disconnector - assembly kit for DF22 - 1 pin 3 clips
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF22AP Datasheet(HTML) 1 Page - Schneider Electric

  DF22AP Datasheet HTML 1Page - Schneider Electric DF22AP Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
TeSys fuse-disconnector - assembly
kit for DF22 - 1 pin 3 clips
DF22AP
Price* : 3.20 USD
Main
Range of Product
TeSys fuse-disconnector
Range
TeSys
Device short name
DF22
Product or Component Type
Assembly kit
Accessory / separate part
category
Mounting accessory
Product Compatibility
DF22
Fuse size
22 x 58 mm
Complementary
Range compatibility
TeSys DF DF22 assembly kit
Mounting Location
Side
Provided Equipment
1 pin
3 clips
Net Weight
0.01 lb(US) (0.003 kg)
Quantity per Set
Set of 10
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389119407830
Nbr. of units in pkg.
1
Package weight(Lbs)
0.07 oz (2.0 g)
Returnability
No
Country of origin
TN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.59 in (1.5 cm)
Package 1 width
1.18 in (3 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 7, 2022
1


Similar Part No. - DF22AP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF22A-1012PC HIROSE-DF22A-1012PC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22A-1012PCF HIROSE-DF22A-1012PCF Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22A-1012SC HIROSE-DF22A-1012SC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22A-1012SCF HIROSE-DF22A-1012SCF Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
DF22A-1416PC HIROSE-DF22A-1416PC Datasheet
569Kb / 15P
7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed)
More results

Similar Description - DF22AP

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
GS2QU3N SCHNEIDER-GS2QU3N Datasheet
132Kb / 2P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 400 A- fuse size J
Jul 18, 2021
DF14AM1 SCHNEIDER-DF14AM1 Datasheet
97Kb / 2P
TeSys fuse-disconnector - signalling contact - 1 NC - 5A - instantaneous
Jun 2, 2022
DF22AM1 SCHNEIDER-DF22AM1 Datasheet
96Kb / 2P
TeSys fuse-disconnector - signalling contact - 1 NC - 5A - instantaneous
Jun 2, 2022
LA8D324 SCHNEIDER-LA8D324 Datasheet
108Kb / 2P
TeSys fuse-disconnector - 1P - Add on for LS1D32
Jun 2, 2022
DF14AP SCHNEIDER-DF14AP Datasheet
109Kb / 2P
TeSys fuse-disconnector - assembly kit for DF14 - 1 pin 3 clips
Jun 7, 2022
LAD352 SCHNEIDER-LAD352 Datasheet
110Kb / 2P
TeSys fuse-disconnector - power connection kit
Jun 7, 2022
LAD3B1 SCHNEIDER-LAD3B1 Datasheet
148Kb / 2P
TeSys fuse disconnector - terminal block - upstream
Jun 7, 2022
GS2MU3N SCHNEIDER-GS2MU3N_V01 Datasheet
372Kb / 4P
TeSys GS - switch-disconnector-fuse - 3 P - UL - 200 A- fuse size J
Jun 30, 2022
GS2QU3N SCHNEIDER-GS2QU3N_V01 Datasheet
146Kb / 3P
TeSys GS - switch-disconnector-fuse - - 3 P - UL - 400 A- fuse size J
Jun 30, 2022
GS2SU3 SCHNEIDER-GS2SU3_V01 Datasheet
190Kb / 2P
TeSys GS - switch-disconnector - fuse - 3 P - UL - 600 A- fuse size J
Jun 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com