Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOC01SC Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LOC01SC
Description  Bluetooth짰 Low Energy Beacon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LOC01SC Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LOC01SC Datasheet HTML 1Page - Pepperl+Fuchs Inc. LOC01SC Datasheet HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bluetooth® Low Energy Beacon
Loc 01 SC
< Compatible with Bluetooth® Low Energy from version 4.0
< Range inside buildings up to 30 m, outdoors up to 200 m
(Geolocation)
< Possibility to change important operating parameters "over the
air"
< Open firmware for individual BLE profile development (TI
CC2541)
< UV-resistant housing according to IP64 (can also be used
outdoors)
Loc 01 SC, Rugged/Industrial
Function
The rugged beacons Loc 01 HC and Loc 01 SC can be mounted directly on a suitable surface or easily adapted on the optional available
mounting plate (which facilitates the battery exchange of the beacons).
The Bluetooth® 4.0 standard makes the beacons compatible with currently popular smartphones and tablets. They can be recognized by such
devices over a distance of up to 200 m (outdoors). The beacon signals can be evaluated by the mobile device via individual applications and, in
this way, interact with the user or other programs.
Technical Data
Electrical specifications
Battery type
2x AA LR6
Operating duration
approx. 2 years in continuous operation with factory setting
Interface
Interface type
Bluetooth® Low Energy (from 4.0)
Transmitter radiated power
max. 8 dBm
Approvals and certificates
CE conformity
CE0102
Ambient conditions
Ambient temperature
-20 ... 55 °C (-4 ... 131 °F)
Storage temperature
-30 ... 30 °C (-22 ... 86 °F)
Mechanical specifications
Mass
approx. 180 g (including batteries)
Dimensions
48 mm x 111 mm x 102 mm (l x w x h)
General information
Scope of delivery
Loc 01 SC
Batteries
Documentation
Accessories
Mounting plate
Mounting plate for Loc-Ex® 01
Development Kit
Development Kit for Loc-Ex® 01
Module BLE USB Dongle
4.0
BT Dongle for Loc-Ex® 01
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LOC01SC

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
More results

Similar Description - LOC01SC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1326 PANASONIC-PAN1326 Datasheet
947Kb / 2P
BLUETOOTH짰 LOW ENERGY RF MODULES
logo
Texas Instruments
SWRU301A TI1-SWRU301A Datasheet
2Mb / 39P
Bluetooth짰 Low Energy CC2540 Development Kit
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
Bluetooth짰 Low Energy (BLE) Module
07/14/15
IS1870 MICROCHIP-IS1870 Datasheet
2Mb / 44P
Bluetooth짰 Low Energy (BLE) SoC
07/14/15
RN4870 MICROCHIP-RN4870_17 Datasheet
2Mb / 48P
Bluetooth짰 4.2 Low Energy Module
10/25/17
logo
List of Unclassifed Man...
NRF8001 ETC1-NRF8001 Datasheet
1Mb / 161P
Single-chip Bluetooth짰 low energy solution
logo
Mitsumi Electronics, Co...
WML-C75 MITSUMI-WML-C75 Datasheet
86Kb / 2P
Bluetooth짰 Low Energy Module
logo
STMicroelectronics
BLUENRG-LP STMICROELECTRONICS-BLUENRG-LP Datasheet
4Mb / 72P
Programmable Bluetooth® Low Energy wireless SoC
Rev 2 - September 2020
logo
Pepperl+Fuchs Inc.
LOC-EX01 PF-LOC-EX01 Datasheet
959Kb / 2P
Bluetooth짰 Low Energy Beacon
2021-06-28
LOC01HC PF-LOC01HC Datasheet
1Mb / 2P
Bluetooth짰 Low Energy Beacon
2021-12-07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com