Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART1K6FH Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # ART1K6FH
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART1K6FH Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button ART1K6FH Datasheet HTML 9Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 10Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 11Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 12Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 13Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 14Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 15Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 16Page - Ampleon Netherlands B.V. ART1K6FH Datasheet HTML 17Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ART1K6FH_1K6FHS_1K6FHG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 2 — 22 March 2022
13 of 18
ART1K6FH(S)(G)
Power LDMOS transistor
Fig 13. Package outline SOT1248C
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1248C
sot1248c_po
13-04-16
13-08-15
Note
1. Millimeter dimensions are derived from the original inch dimensions.
Earless flanged LDMOST ceramic package; 4 leads
SOT1248C
Unit(1)
mm
max
nom
min
5.5
4.2
31.55
30.94
31.52
30.96
13.72
9.50
9.30
1.75
1.50
10.29
10.03
A
Dimensions
DD1
eE1
EF
9.53
9.27
H
32.39
32.13
U1
0.195
0.045
U2
vy
w2
inches
max
nom
min
0.217
0.165
11.81
11.56
b
0.465
0.455
0.18
0.10
c
0.007
0.004
1.242
1.218
1.241
1.219
0.540
0.374
0.366
0.069
0.059
0.405
0.395
0.375
0.365
Q
1.38
0.98
0.055
0.039
1.275
1.265
0.008
0.002
Lp
14.70
14.50
0.579
0.571
0.25
0.01
0.25
0.01 0.006
scale
10 mm
05
0.15
7°
0°
7°
0°
α
X
c
E
E1
α
y
D
D1
A
F
5
vA
U2
H
A
U1
e
12
B
b
34
w2
B
detail X
Lp
Q
0.3 mm gauge plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com