Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART700FHU Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # ART700FHU
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FHU Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  ART700FHU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
2 of 16
ART700FH
Power LDMOS transistor
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF
calculator.
5.
Thermal characteristics
[1]
Tj is the junction temperature.
[2]
Rth(j-c) is measured under RF conditions.
[3]
See Figure 1.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain1
2drain2
3gate1
4gate2
5source
[1]
1
2
5
34
4
3
5
1
2
sym117
Table 3.
Ordering information
Package name
Orderable part number
12NC
Packing description
Min. orderable
quantity (pieces)
SOT1214A
ART700FHU
9349 604 89112 Tray; 20-fold; non-dry pack
60
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
177
V
VGS
gate-source voltage
6+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -
225
C
Table 5.
Thermal characteristics
Symbol Parameter
Conditions
Typ
Unit
Rth(j-c)
thermal resistance from junction to case Tj = 120 C
[1][2] 0.175 K/W
Zth(j-c)
transient thermal impedance from
junction to case
Tj =120 C; tp = 100 s;
 =10 %
[3] 0.052 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com