Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF189XRAS Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLF189XRAS
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF189XRAS Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLF189XRAS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF189XRAS Datasheet HTML 14Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BLF189XRA_BLF189XRAS
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2017. All rights reserved.
Product data sheet
Rev. 1 — 6 November 2017
10 of 14
BLF189XRA; BLF189XRAS
Power LDMOS transistor
Fig 12. Package outline SOT539B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT539B
sot539b_po
12-05-02
13-05-24
Unit(1)
mm
max
nom
min
4.7
4.2
11.81
11.56
31.55
30.94
31.52
30.96
9.5
9.3
9.53
9.27
1.75
1.50
17.12
16.10
3.48
2.97
10.29
10.03
0.25
A
Dimensions
Earless flanged balanced ceramic package; 4 leads
SOT539B
bc
0.18
0.10
DD1
EE1
e
13.72
FH
H1
25.53
25.27
LQ
2.26
2.01
U1
32.39
32.13
U2
w2
0.25
inches
max
nom
min
0.185
0.165
0.465
0.455
1.242
1.218
1.241
1.219
0.374
0.366
0.375
0.365
0.069
0.059
0.674
0.634
0.137
0.117
0.405
0.395
0.01
0.007
0.004
0.54
1.005
0.995
0.089
0.079
1.275
1.265
0.01
w3
0
5
10 mm
scale
c
E
Q
E1
e
H
L
b
H1
U1
U2
D
w2
w3
1
2
3
4
D
D
A
F
D1
5
Note
1. millimeter dimensions are derived from the original inch dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com