Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF578 Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # BLF578
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF578 Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button BLF578 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF578 Datasheet HTML 14Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BLF578
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 1 December 2016
11 of 14
BLF578
Power LDMOS transistor
10. Handling information
[1]
HBM classification 2 is granted to any part that passes after exposure to an ESD pulse of 2000 V, but fails
after exposure to an ESD pulse of 4000 V.
11. Abbreviations
12. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 10.
ESD sensitivity
ESD model
Class
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
2 [1]
Table 11.
Abbreviations
Acronym
Description
CW
Continuous Wave
EDGE
Enhanced Data rates for GSM Evolution
GSM
Global System for Mobile communications
HF
High Frequency
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
LDMOST
Laterally Diffused Metal-Oxide Semiconductor Transistor
RF
Radio Frequency
TTF
Time To Failure
VSWR
Voltage Standing-Wave Ratio
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLF578 v.4
20161201
Product data sheet
-
BLF578_3
Modifications:
• Section 10 on page 11: updated Handling information
BLF578_3
20150901
Product data sheet
-
BLF578_2
BLF578_2
20100204
Product data sheet
-
BLF578_1
BLF578_1
20081211
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com