Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME9002 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AME9002
Description  CCFL Backlight Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME9002 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AME9002 Datasheet HTML 4Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 5Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 6Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 7Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 8Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 9Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 10Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 11Page - Asahi Kasei Microsystems AME9002 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
AME, Inc.
8
CCFL Backlight Controller
AME9002
Preliminary
n Block Diagram
1
2
3
4
5
6
7
8
9
10
11
12
3.4V
REF
5V
LDO
13
14
15
16
17
18
19
20
21
22
23
24
C
B
A
B
A
C
Fault
Logic
V
CO
2bit
Count
2
7.5V
Dimming
RAMP
CEN
REF
C2
1
µµµµ
CE
SSC
Logic
To Chip Enable
C3
0.039
µµµµ
R3
RDELTA
FAULTB
V
Supply
RT2
R2
56K
VSS
OVPH
OVPL
FCOMP
CSDET
R35
R36
D16
R10
604
R9
249
R41
10K
R40
60K
VBATT
BATTFB
C32
1
µµµµF
Q1
VBATT
R4
2K
PNP
SSV
BRIGHT
COMP
FB
CT1
VDD
BRPOL
VBATT
OUTA
OUTAPB
OUTC
C14
1000pF
BRIGHTNESS
Control VOLT.
C8
47nF
R7
30K
C4
0.047
µµµµF
C7
4.7
µµµµF
HI=Reverse
LO=Normal
C7
Q2
Q3-1
Q3-2
HS
Driver
PWM
NORM
2.5V
RES_SSV
2VOK
CE
BLANK
Later
140
µµµµA
140
nA
1
ST
RES_SSC
3V
RAMP
CLK
1.5V
3.3V
2.5V
2.5V
1
µµµµA
RES_SSC
RES_SSV
RES_FCOMP
BAITOK
RES_FCOMP
1.25V
1.5V
1.25V
CLK
EA1
STRIKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com