Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME9003 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AME9003
Description  CCFL Backlight Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME9003 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AME9003 Datasheet HTML 6Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 7Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 8Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 9Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 10Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 11Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 12Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 13Page - Asahi Kasei Microsystems AME9003 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
AME, Inc.
10
CCFL Backlight Controller
AME9003
Preliminary
n Application Schematic
Figure 2. Double Tube Application Schematic (7V < Vbatt < 24V)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VREF
CE
SSC
RDELTA
SSC1ST
RT2
VSS
OVPH
OVPL
FCOMP
CSDET
BATTFB
PNP
SSV
BRIGHT
COMP
FB
CT1
VDD
BRPOL
VBATT
OUTA
OUTAPB
OUTC
R1
2K
Q1
C14
1000p
0.1
µF
C8
47nF
R7
30K
C4
0.047
µF
C7
4.7
µF
C2
1
µF
C3
0.047
µF
R3
15k
V
DD
R2
40K
D17
C33
100p
D16
R36
C32
2.2nF
HI=Reverse
LO=Normal
R40
60k
R41
10k
Q3-2
Q2
T1
R10
680
R9A
221
R38
3k
R37
2meg
Q3-1
R36
3k
R35
2meg
C31
0.47
µF
R40
7.5k
C34
0.01u
R9B
221
VDD
R42,43
10k
R45
1M
D20
D21
D22
D23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com