Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772S-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB772S-AB3-R
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB772S-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB772S-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SB772S-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SB772S-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SB772S-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB772S
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co., LTD
QW-R208-002.B
MEDIUM POWER LOW
VOLTAGE TRANSISTOR
DESCRIPTION
The UTC 2SB772S is a medium power low voltage transistor,
designed for audio power amplifier, DC-DC converter and voltage
regulator.
FEATURES
*High current output up to 3A
*Low saturation voltage
*Complement to 2SD882S
SOT-89
1
*Pb-free plating product number: 2SB772SL
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Emitter
2
Collector
3
Base
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
2SB772S-AB3-R 2SB772SL-AB3-R
SOT-89
Tape Reel


Similar Part No. - 2SB772S-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB772S-T92-B UTC-2SB772S-T92-B Datasheet
101Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
2SB772S-T92-K UTC-2SB772S-T92-K Datasheet
101Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
2SB772S-TO92 UTC-2SB772S-TO92 Datasheet
101Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
2SB772S-X-AA3-R UTC-2SB772S-X-AA3-R Datasheet
262Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
2SB772S-X-AB3-R UTC-2SB772S-X-AB3-R Datasheet
262Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - 2SB772S-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com