Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXA-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78DXXA-TN3-R
Description  Linear Integrated Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXA-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78DXXA-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXA-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
78DxxA
Linear Integrated Circuit
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R101-010,F
ABSOLUATE MAXIUM RATINGS (Ta = 25℃,unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
VOUT =3.3~18V
35
Input Voltage
VOUT =20~24V
VIN
40
V
Output Current
IOUT
1
A
Power Dissipation
PD
Internally Limited
W
Operating Temperature Range
TOPR
-40 ~ +85
°C
Operating Junction Temperature
TJ
0~+125
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note:1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device
could be damaged beyond Absolute maximum ratings.
2. The device is guaranteed to meet performance specifications within 0℃~70℃ operating temperature range
and assured by design from –40℃~85℃.
3.The maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data are showed as electrical characteristics table
represents pulse test conditions with junction temperatures specified at the initiation of test.
ELECTRICAL CHARACTERISTICS (T
J=25℃, PD≦15W, unless otherwise specified)
For 78D33A (VIN =5.8V, IOUT =0.5A, C1=0.33uF, C0=0.1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT=5mA ~ 1.0A
3.168
3.30
3.432
V
Output Voltage
VOUT
VIN =5.8~18.3V, IOUT=5mA~1.0A
3.135
3.465
V
IOUT=5mA~1.0A
33
mV
Load Regulation
∆V
OUT
IOUT=0.25A~0.75A
17
mV
VIN =5.8~18.3V
33
mV
Line Regulation
∆V
OUT
VIN =5.8~18.3V, IOUT=1.0A
33
mV
Quiescent Current
IQ
IOUT≦1.0A
8.0
mA
VIN =5.8~18.3V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
55
µV
Temperature coefficient of VOUT
∆V
OUT/∆TIOUT =5mA
-0.4
mV/
°C
Ripple Rejection
RR
VIN =6.3~16.3V,f=120Hz
57
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D47A (VIN =9.7V, IOUT =0.5A, C1=0.33uF, C0=0.1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT =5mA~1.0A
4.512
4.70
4.888
V
Output Voltage
VOUT
VIN=5.8~18.3V, IOUT=5mA~1.0A
4.465
4.935
V
IOUT=5mA~1.0A
47
mV
Load Regulation
∆V
OUT
IOUT=0.25A~0.75A
24
mV
VIN =5.8~18.3V
47
mV
Line Regulation
∆V
OUT
VIN =5.8~18.3V, IOUT =1.0A
47
mV
Quiescent Current
IQ
IOUT≦1.0A
8.0
mA
VIN =5.8~18.3V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
µV
Temperature coefficient of VOUT
∆V
OUT/∆TIOUT =5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN =6.3~16.3V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com