Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78DXXAL-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 78DXXAL-TN3-R
Description  Linear Integrated Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78DXXAL-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  78DXXAL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 78DXXAL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
78DxxA
Linear Integrated Circuit
UNISONIC TECHNOLOGIES CO., LTD
4
www.unisonic.com.tw
QW-R101-010,F
ELECTRICAL CHARACTERISTICS(Cont.)
For 78D05A (VIN =10V, IOUT =0.5A, C1=0.33uF, C0=0.1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT =5mA~1.0A
4.80
5.0
5.20
V
Output Voltage
VOUT
VIN =7.5~20V, IOUT =5mA~1.0A
4.75
5.25
V
IOUT =5mA~1.0A
50
mV
Load Regulation
∆V
OUT
IOUT =0.25A~0.75A
25
mV
VIN =7~25V
50
mV
Line Regulation
∆V
OUT
VIN =7.5~20V, IOUT =1.0A
50
mV
Quiescent Current
IQ
IOUT≦1.0A
8.0
mA
VIN =7.5~20V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
40
µV
Temperature coefficient of VOUT
∆V
OUT/∆TIOUT =5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN =8~18V,f=120Hz
62
80
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D06A (VIN =11V, IOUT =0.5A, C1=0.33uF, C0=0.1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT =5mA~1.0A
5.76
6.0
6.24
V
Output Voltage
VOUT
VIN =8.5~21V, IOUT =5mA~1.0A
5.7
6.3
V
IOUT =5mA~1.0A
60
mV
Load Regulation
∆V
OUT
IOUT =0.25A~0.75A
30
mV
VIN =8~25V
60
mV
Line Regulation
∆V
OUT
VIN =8.5~21V, IOUT =1.0A
60
mV
Quiescent Current
IQ
IOUT≦1.0A
8.0
mA
VIN =8.5~21V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
45
µV
Temperature coefficient of VOUT
∆V
OUT/∆TIOUT =5mA
-0.7
mV/
°C
Ripple Rejection
RR
VIN =9~19V,f=120Hz
59
75
dB
Peak Output Current
IPEAK
1.8
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V
For 78D07A (VIN =13V, IOUT =0.5A, C1=0.33uF, C0=0.1uF)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT =5mA~1.0A
6.72
7.0
7.28
V
Output Voltage
VOUT
VIN =9.5~22V, IOUT =5mA~1.0A
6.65
7.35
V
IOUT =5mA~1.0A
70
mV
Load Regulation
∆V
OUT
IOUT =0.25A~0.75A
35
mV
VIN =9~25V
70
mV
Line Regulation
∆V
OUT
VIN =9.5~22V, IOUT =1.0A
70
mV
Quiescent Current
IQ
IOUT≦1.0A
8.0
mA
VIN =9.5~22V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT =5mA~1.0A
0.5
mA
Output Noise Voltage
eN
10Hz≦f≦100kHz
50
µV
Temperature coefficient of VOUT
∆V
OUT/∆TIOUT =5mA
-0.8
mV/
°C
Ripple Rejection
RR
VIN =10~20V,f=120Hz
59
75
dB
Peak Output Current
IPEAK
1.7
A
Short-Circuit Current
ISC
VIN =35V
250
mA
Dropout Voltage
VD
2.0
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com