Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXX-AB3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 79LXX-AB3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXX-AB3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  79LXX-AB3-R Datasheet HTML 1Page - Unisonic Technologies 79LXX-AB3-R Datasheet HTML 2Page - Unisonic Technologies 79LXX-AB3-R Datasheet HTML 3Page - Unisonic Technologies 79LXX-AB3-R Datasheet HTML 4Page - Unisonic Technologies 79LXX-AB3-R Datasheet HTML 5Page - Unisonic Technologies 79LXX-AB3-R Datasheet HTML 6Page - Unisonic Technologies 79LXX-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
UTC79LXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R101-003,E
TYPICAL PERFORMANCE CHARACTERISTICS
Fig.1 Power dissipation vs.
ambient temperature
25
50
75
100
125
Ambient temperature(°C)
300
400
500
600
700
TO-92
SOT-89
Fig.2 Input Voltage vs.
Output Voltage
0
-10
-20
-30
-40
Input Voltage(V)
0
-10
-20
-30
-40
UTC79L24
UTC79L15
UTC79L09
UTC79L05
Fig.3 Load Characteristics
(Tj=25°C)
0
50
100
150
200
250
Output Current(mA)
0
-10
-20
-30
-40
UTC79L24
UTC79L15
UTC79L05
VIN=-33V
VIN=-23V
VIN=-10V
Fig.4 Short Circuit Current
(Tj=25°C)
0-10
-20
-30
-40
Dropout Voltage(V)
100
200
300
Fig.5 Output Voltage vs.
Junction temperature
Ambient temperature(°C)
-25
125
25
75
175
0
-10
-20
-30
-40
VIN=-33V
VIN=-23V
VIN=-10V
UTC79L24
UTC79L15
UTC79L05
Ambient temperature(°C)
Fig.6 Output Voltage vs.
ambient temperature
-50
0
50
100
150
-4.8
-4.9
-5.0
-5.1
5.2
-7.8
-7.9
-8.0
-8.1
8.2
UTC79L08
UTC79L05
Fig.7 UTC79L05 Dropout
Characteristics (Tj=25°C)
Fig.8 UTC79L08 Dropout
Characteristics (Tj=25°C)
Input Voltage(V)
Input Voltage(V)
-5.5
-6.0
-6.5
-4.5
-5.0
-8.5
-9.0
-9.5
-7.5
-8.0
Fig.9 Current vs. Input
Voltage(Io=0mA,Tj=25°C)
0
1
2
3
4
5
UTC79L24
UTC79L05
SOP-8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com