Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79LXXL-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 79LXXL-AB3-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

79LXXL-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  79LXXL-AB3-R Datasheet HTML 1Page - Unisonic Technologies 79LXXL-AB3-R Datasheet HTML 2Page - Unisonic Technologies 79LXXL-AB3-R Datasheet HTML 3Page - Unisonic Technologies 79LXXL-AB3-R Datasheet HTML 4Page - Unisonic Technologies 79LXXL-AB3-R Datasheet HTML 5Page - Unisonic Technologies 79LXXL-AB3-R Datasheet HTML 6Page - Unisonic Technologies 79LXXL-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UTC79LXX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R101-003,E
TEST CIRCUIT
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified )
PARAMETER
SYMBOL
VALUE
UNIT
Input voltage(for Vo=-5~-9V)
(for Vo=-12~-15V)
(for Vo=-18~-24V)
VI
VI
VI
-30
-35
V
V
Power Dissipation
PD
350 (SOT-89)
300 (SOP-8)
625 (TO-92)
mW
Operating Junction Temperature Range
TOPR
-30 ~ +125
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
GND
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com