Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC3521 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTC3521
Description  CMOS IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC3521 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTC3521 Datasheet HTML 1Page - Unisonic Technologies UTC3521 Datasheet HTML 2Page - Unisonic Technologies UTC3521 Datasheet HTML 3Page - Unisonic Technologies UTC3521 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC3521
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
www.unisonic.com.tw
QW-R502-034,A
BLOCK DIAGRAM
(1)
(2)
(3)
OV
V12
UVP
36mS
Delay
4.5mS
Delay
CT
VADJ
OPOUT
C1
C2
PG
TPG
V33
V5
1.25V
0.625V
(4) PT
(9) REM
(6)
(16)
(15)
(14)
OPNEGIN
(10)
(11)
(7)
(8)
IN
UV
UV
UV
+
-
+
-
+
-
+
-
OV
+
-
OV
+
-
OV
+
-
OVP
250ms delay
OUT
CLR
S
Q
R
QN
+
-
+
-
DET
0.625V
(12)
OSC
CLR
+
-
2.45V
+
-
+
-
D
Q
C QN
DETCMP
DEAD TIME CONTROLER
PWM CONTROL
PWMCMP
ERROR AMP
4k
REMONF
REMON
QOUT
0.4V
ABSOLUTE MAXIMUM RATINGS
(Vcc=5.5V, unless otherwise noted.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
5.5
V
Drain output voltage
Vcc1, Vcc2
5.5
V
Drain output current
Icc1, Icc2
200
mA
Power Dissipation
PD
200
mW
Operating Temperature
Topr
-10 ~ +70
℃
Storage Temperature
Tstg
-65 ~ +150
℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com