Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M8LS140 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF2425M8LS140
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M8LS140 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF2425M8LS140 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M8LS140 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BLF2425M8L140_2425M8LS140#2
All information provided in this document is subject to legal disclaimers.
© Ampleon B.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 1 September 2015
5 of 11
BLF2425M8L(S)140
Power LDMOS transistor
7.4 Graphical data
VDS = 28 V; IDq = 1300 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS = 28 V; IDq = 1300 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
Fig 3.
Power gain and drain efficiency as function of
output power, typical values
Fig 4.
Power gain and drain efficiency as function of
output power, typical values
aaa-008942
0
40
80
120
160
200
12
10
14
20
16
30
18
40
20
50
22
60
24
70
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-008943
40
42
44
46
48
50
52
54
12
10
14
20
16
30
18
40
20
50
22
60
24
70
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com