Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF974P Datasheet(PDF) 13 Page - Ampleon Netherlands B.V.

Part # BLF974P
Description  HF / VHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF974P Datasheet(HTML) 13 Page - Ampleon Netherlands B.V.

Back Button BLF974P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 12Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 13Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 14Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 15Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 16Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 17Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
BLF974P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 26 March 2020
13 of 18
BLF974P
HF / VHF power LDMOS transistor
7.4.3 2-Tone CW
VDS =50V; IDq =2  50 mA; f1 = 224.95 MHz;
f2 = 225.05 MHz.
VDS =50V; f1 = 224.95 MHz; f2 = 225.05 MHz.
(1) IDq = 2  10 mA
(2) IDq = 2  50 mA
(3) IDq = 2  100 mA
(4) IDq = 2  200 mA
(5) IDq = 2  400 mA
(6) IDq = 2  500 mA
(7) IDq = 2  750 mA
Fig 19. Power gain and drain efficiency as functions
of peak envelope load power; typical values
Fig 20. Third order intermodulation distortion as a
function of peak envelope load power; typical
values
amp01230
0
200
400
600
800
1000
21
20
22
30
23
40
24
50
25
60
26
70
27
80
PL(PEP) (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD
amp01231
0
100
200
300
400
500
600
700
800
-80
-60
-40
-20
0
PL(PEP) (W)
IMD3
IMD3
IMD3
(dBc)
(dBc)
(dBc)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com