Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLM2425M9S20Z Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLM2425M9S20Z
Description  LDMOS 2-stage power MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLM2425M9S20Z Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLM2425M9S20Z Datasheet HTML 1Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 2Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 3Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 4Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 5Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 6Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 7Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 8Page - Ampleon Netherlands B.V. BLM2425M9S20Z Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLM2425M9S20
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 2 — 17 May 2021
4 of 13
BLM2425M9S20
LDMOS 2-stage power MMIC
7.
Characteristics
Table 6.
DC characteristics
Symbol
Parameter
Conditions
Min Typ
Max Unit
Final stage
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =0.181 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 18.1 mA
1.5
1.9
2.5
V
VGSq
gate-source quiescent voltage
VDS = 32 V; ID = 20 mA
1.4
1.8
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =32 V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS = 10 V
-3.65
-
A
IGSS
gate leakage current
VGS =11V; VDS =0V
-
-
140
nA
gfs
forward transconductance
VDS =10V; ID =633 mA
-
1.33
-
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =0.63 A
-
630
-
m
Driver stage
V(BR)DSS drain-source breakdown voltage VGS =0V; ID =0.037 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS = 10 V; ID = 3.7 mA
1.5
1.9
2.5
V
VGSq
gate-source quiescent voltage
VDS = 32 V; ID = 10 mA
1.4
1.9
2.4
V
IDSS
drain leakage current
VGS =0V; VDS =32 V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) + 3.75 V;
VDS = 10 V
-0.74
-
A
IGSS
gate leakage current
VGS =11V; VDS =0V
-
-
140
nA
gfs
forward transconductance
VDS =10V; ID = 130 mA
-
0.264 -
S
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =0.4 A
-
2350
-
m
Table 7.
RF Characteristics
Test signal: CW pulsed; tp =100 s; = 10 %; at f = 2450 MHz; RF performance at VDS = 32 V;
IDq1 = 10 mA; IDq2 =20 mA; Tcase =25 C; in a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 20 W
25.5
28
-
dB
PAE
power-added efficiency
PL = 20 W
4245-
%
RLin
input return loss
PL = 20 W
-
13
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com